1306F-R68J
AI

## Technical Overview: 1306F-R68J
The **1306F-R68J** is a high-performance **Surface Mount Device (SMD) Power Inductor**. Parts with this nomenclature typically belong to the family of high-current, molded power inductors used primarily in power management modules and DC-DC converters.
---
### 1. Key Technical Specifications
Based on standard industry naming conventions for these components, here are the likely technical parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.68 µH (Microhenries) |
| **Tolerance** | ±5% (indicated by the 'J' suffix) |
| **Package Size** | 13.5mm x 12.6mm (Approx. 1306 footprint) |
| **DCR (Direct Current Resistance)** | Very Low (typically < 2.0 mΩ) |
| **Saturation Current (Isat)** | High (often 25A to 50A depending on height) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the alphanumeric code helps in identifying the component's characteristics:
* **1306**: Refers to the physical dimensions. Usually, this means approximately **13mm x 13mm** with a height specified by the manufacturer (often 6mm).
* **F**: Often denotes the series or the material type (e.g., Ferrite or Composite).
* **R68**: The Inductance value. The "R" acts as a decimal point. **R68 = 0.68 µH**.
* **J**: The tolerance code. **J** stands for **±5%**.
---
### 3. Construction and Material
These inductors are generally constructed using:
1. **Magnetic Metal Powder Core:** This provides a "soft saturation" characteristic, meaning the inductance doesn't drop off instantly when the current increases.
2. **Molded Structure:** The wire is placed inside a mold, and the powder is pressed around it. This minimizes acoustic noise (buzzing) and provides excellent EMI shielding.
3. **Flat Wire Technology:** Many 1306 series parts use flat copper wire to maximize cross-sectional area, reducing DCR and increasing efficiency.
---
### 4. Common Applications
Due to its high current handling and low inductance, the 1306F-R68J is ideal for:
* **Voltage Regulator Modules (VRM):** Used in high-end motherboards and servers.
* **DC-DC Converters:** Specifically "Buck" converters that step down voltage.
* **Graphic Cards (GPU):** Powering high-draw processing units.
* **Distributed Power Systems:** Providing clean power to FPGAs and ASICs.
---
### 5. Benefits
* **Compact Footprint:** High power density for PCB space-constrained designs.
* **Low Core Loss:** Optimized for high-frequency switching.
* **EMI Shielded:** The molded design naturally contains the magnetic field, reducing interference with nearby components.
---
- ⤷What is the difference between R68J and R68M in terms of tolerance?
- ⤷ What is the maximum current rating for the 1306F series?
- ⤷ Can this inductor be used in automotive applications?