1590TRPBYL.
AI

The **1590TRPBYL** is a specific model of an industrial-grade electronics enclosure manufactured by **Hammond Manufacturing**. It is primarily used to house sensitive electronic circuits that require physical protection and environmental shielding.
---
## 1. Technical Specifications
The part number follows a specific naming convention used by Hammond to denote size, shape, and finish.
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Hammond Manufacturing |
| **Series** | 1590 (Diecast Aluminum Enclosures) |
| **Shape** | Trapezoidal |
| **Color** | Yellow (BYL - Bright Yellow) |
| **Material** | Diecast Aluminum Alloy (ADC12) |
| **Wall Thickness** | ~2mm (nominal) |
| **IP Rating** | IP54 (Standard) |
---
## 2. Key Physical Features
### Trapezoidal Design
Unlike the standard rectangular 1590 series, the **TRP** designation stands for **Trapezoidal**. This unique shape is highly favored in the musical electronics industry (specifically for guitar effects pedals) as it provides a wider base for stability and a distinctive aesthetic.
### Material & Shielding
* **EMI/RFI Shielding:** Since the body is made of diecast aluminum, it naturally acts as a Faraday cage. This protects the internal electronic components from Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI).
* **Vibra-finish:** The aluminum is typically smoothed before painting to ensure no sharp edges and a professional finish.
### Finish (Yellow Powder Coat)
The **BYL** suffix indicates a **Bright Yellow** polyester powder coat. This provides:
* Corrosion resistance.
* High visibility.
* A durable surface that resists chipping and scratching compared to standard liquid paint.
---
## 3. Common Applications
Due to its rugged nature and shielding capabilities, the 1590TRPBYL is commonly found in:
1. **Guitar Effects Pedals:** Used by boutique pedal builders for "boutique" or custom stompboxes.
2. **Industrial Controls:** Housing for small switches or sensors in factory environments.
3. **Test Equipment:** Portable handheld devices that need a sturdy, shielded casing.
---
## 4. Mounting & Assembly
The unit consists of two main parts: the **body** and the **lid**.
```markdown
* **Fasteners:** Usually includes 4 machine screws (6-32 x 1/2").
* **Holes:** The enclosure is easy to drill or mill for potentiometers, LEDs, and jacks.
* **Grounding:** The lid and box are typically joined in a way that maintains electrical continuity for grounding purposes.
```
---
- ⤷
What are the exact dimensions (length
- ⤷ width
- ⤷ height) of the 1590TRP enclosure?
- ⤷ Does this model include a silicone gasket for higher IP ratings?
- ⤷ What type of drill bits are recommended for modifying this aluminum enclosure?