1MD06-059-08
AI

The part number **1MD06-059-08** typically refers to a high-performance **Thermoelectric Cooler (TEC)**, also known as a Peltier module, manufactured by **II-VI Incorporated (now Coherent)**. These components are used for precise temperature control in optoelectronic and telecommunication applications.
---
## 1. Technical Specifications
The "1MD06" series is characterized by its miniature footprint and specific cooling capacities. Below are the typical estimated specifications for this series:
| Parameter | Value/Description |
| :--- | :--- |
| **Type** | Single-Stage Thermoelectric Cooler |
| **Maximum Temperature Difference ($\Delta T_{max}$)** | ~67°C to 72°C (at $T_{hot}$ = 27°C) |
| **Maximum Cooling Power ($Q_{max}$)** | Varies by size (approx. 2.0W - 5.0W) |
| **Maximum Current ($I_{max}$)** | ~2.5A to 4.0A |
| **Maximum Voltage ($V_{max}$)** | ~2.5V to 3.8V |
| **Surface Finish** | Lapped or Gold-plated (depending on sub-version) |
---
## 2. Part Number Breakdown
While manufacturer coding is proprietary, the alphanumeric string generally represents the following:
* **1MD**: Single-stage Micro-module.
* **06**: Designates the physical size or number of couples (pairs of P-N junctions).
* **059**: Specific thickness or performance characteristic identifier.
* **08**: Indicates the lead wire configuration or specific assembly tolerance.
---
## 3. Key Features
* **Precision Cooling:** Capable of maintaining temperatures within $\pm$0.01°C when used with a thermistor and controller.
* **Compact Size:** Designed for integration into small packages like **TO-cans** or **Butterfly packages**.
* **Solid State:** No moving parts, ensuring long-term reliability and silent operation.
* **RoHS Compliant:** Built using environmentally friendly materials, suitable for global standards.
---
## 4. Typical Applications
These modules are essential in industries where heat dissipation or temperature stabilization is critical:
1. **Laser Diode Cooling:** Stabilizing the wavelength of telecommunication lasers.
2. **Infrared Sensors:** Reducing thermal noise in high-sensitivity IR detectors.
3. **Laboratory Equipment:** Precise cooling for PCR or chemical analysis samples.
4. **CCD Cameras:** Cooling image sensors to reduce "dark current" noise in long-exposure photography.
---
## 5. Handling Precautions
> **Warning:** Thermoelectric modules are fragile and sensitive to thermal shock.
* **Heat Sinking:** Never apply power to a TEC without a proper heat sink on the hot side; the device will overheat and fail within seconds.
* **Compression:** Apply even pressure across the surface during mounting to ensure optimal thermal contact.
* **Moisture:** Ensure the module is sealed or used in a dry environment to prevent condensation from causing short circuits.
- ⤷
What is the maximum current rating for the 1MD06 series?
- ⤷ How should I mount a 1MD06-059-08 to a laser diode package?
- ⤷ Are there multi-stage versions of this Peltier module available?