2118059-1
AI

The part number **2118059-1** refers to a high-performance **Standard Surface Mount (SMT) EMI Shielding Cover** manufactured by **TE Connectivity**. These components are critical in modern electronics for managing electromagnetic compatibility (EMC).
---
### 1. Technical Specifications
The following table highlights the primary physical and technical characteristics of the 2118059-1:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | TE Connectivity |
| **Product Type** | EMI/RFI Shield (Cover Only) |
| **Material** | Cold Rolled Steel (CRS) |
| **Plating** | Tin (Sn) |
| **Length** | 12.96 mm (.510 in) |
| **Width** | 12.70 mm (.500 in) |
| **Height** | 2.54 mm (.100 in) |
| **Mounting Style** | Removable (Snaps onto a frame) |
---
### 2. Functional Purpose
The 2118059-1 serves as the **lid** or **cover** part of a two-piece shielding system. Its main roles include:
* **EMI/RFI Suppression:** It blocks electromagnetic interference from escaping a specific circuit (like a high-frequency oscillator) or prevents external noise from interfering with sensitive components (like an RF receiver).
* **Two-Piece Design:** Unlike one-piece shields that are soldered permanently, this cover snaps onto a matching **shield frame** (sold separately). This allows technicians to remove the cover for inspection, rework, or testing without desoldering.
* **Thermal Management:** While primarily for electrical noise, the steel construction can assist in minor heat dissipation.
---
### 3. Application Areas
This specific small-form-factor shield is commonly found in:
1. **Mobile Devices:** Smartphones and tablets to isolate Wi-Fi/Bluetooth modules.
2. **Consumer Electronics:** Smart home devices and IoT sensors.
3. **Automotive:** Infotainment systems and ADAS (Advanced Driver Assistance Systems) control units.
4. **Industrial:** Sensitive measurement equipment and wireless transmitters.
---
### 4. Installation Overview
The part is designed for automated assembly:
* **Packaging:** Usually provided in **Tape & Reel**, allowing pick-and-place machines to position it.
* **Compatibility:** It must be paired with a compatible TE Connectivity frame (typically from the 2118058 series) that is reflow-soldered to the PCB.
- ⤷
What is the part number for the compatible frame for 2118059-1?
- ⤷ Can this shield be used without a frame by soldering it directly to the PCB?
- ⤷ What are the advantages of using Cold Rolled Steel over Aluminum for EMI shielding?