2118059-2
AI

The part number **2118059-2** refers to a high-performance **Standard Surface Mount (SMT) EMI Shield** (specifically a shield frame) manufactured by **TE Connectivity**. These components are critical in modern electronics to prevent Electromagnetic Interference (EMI) from affecting sensitive circuits.
---
### 1. Technical Specifications
The following table summarizes the key physical and electrical characteristics of the 2118059-2:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | TE Connectivity |
| **Product Type** | EMI Shield (Frame) |
| **Shield Type** | Two-Piece (Frame only) |
| **Material** | Cold Rolled Steel (CRS) |
| **Plating** | Tin (Sn) |
| **Mounting Style** | Surface Mount (SMT) |
| **Dimensions (L x W)** | 44.37 mm x 44.37 mm |
| **Height** | 9.75 mm |
---
### 2. Functional Description
The 2118059-2 is the **frame** portion of a two-piece shielding system. In a typical application:
* **The Frame:** Is soldered directly onto the Printed Circuit Board (PCB) during the SMT reflow process.
* **The Cover:** A matching metal lid (sold separately) snaps onto this frame.
This two-piece design allows technicians to remove the cover for inspection, testing, or repair of the components underneath without having to desolder the shield from the board.
---
### 3. Key Applications
This specific part is used in environments where radio frequency (RF) signals or electromagnetic noise could degrade performance:
* **Telecommunications:** Base stations, routers, and high-speed switches.
* **Industrial Controls:** Protecting microprocessors from motor noise or power supply interference.
* **Computing:** High-speed data processing units and servers.
* **Consumer Electronics:** Devices requiring high-density PCB layouts where components are packed closely together.
---
### 4. Installation and Assembly
To ensure proper performance, the following guidelines are usually followed:
1. **Solder Paste:** Applied to the PCB pads corresponding to the frame's perimeter.
2. **Reflow:** The frame is passed through a standard SMT reflow oven.
3. **Cover Attachment:** After the board is populated and tested, the compatible cover is pressed onto the frame, where it is held by mechanical friction/clips.
- ⤷
What is the part number for the compatible cover for the 2118059-2 frame?
- ⤷ How does tin plating affect the solderability and shelf life of this shield?
- ⤷ Can this shield be used in automotive-grade electronic applications?