Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • 2N3820..

  • AI
    ## 2N3820 P-Channel JFET Overview The **2N3820** is a classic P-Channel Junction Field Effect Transistor (JFET) primarily designed for low-frequency audio and general-purpose amplification applications. Unlike the more common N-Channel JFETs, the P-Channel JFET operates with negative voltages on the drain and positive voltages on the gate to control current flow. --- ### 1. Pin Configuration The 2N3820 typically comes in a **TO-92** plastic package. The standard pinout (viewed from the flat side) is as follows: | Pin Number | Terminal Name | Function | | :--- | :--- | :--- | | 1 | **Drain** | Current exits the device here | | 2 | **Source** | Current enters the device here | | 3 | **Gate** | Controls the width of the conduction channel | --- ### 2. Key Technical Specifications Below are the absolute maximum ratings and typical electrical characteristics for the 2N3820: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DS}$ | -20 V | | Drain-Gate Voltage | $V_{DG}$ | -20 V | | Gate-Source Voltage | $V_{GS}$ | 20 V | | Gate Current | $I_G$ | 10 mA | | Power Dissipation | $P_D$ | 310 mW | | Drain Current (at $V_{GS}=0$) | $I_{DSS}$ | -2.0 to -15 mA | | Gate-Source Cutoff Voltage | $V_{GS(off)}$ | 0.7 to 8.0 V | --- ### 3. Operating Principles * **Conduction:** In a P-Channel JFET, the "channel" is made of P-type material. Holes are the primary charge carriers. * **Gate Control:** Applying a **positive** voltage to the Gate relative to the Source narrows the channel, reducing current flow. When the voltage reaches $V_{GS(off)}$, the channel is completely pinched off, and current stops. * **Input Impedance:** Like all JFETs, the 2N3820 offers extremely high input impedance, making it ideal for stages that must not load down a signal source (e.g., sensor preamps). --- ### 4. Common Applications 1. **Audio Preamplifiers:** Used in the input stages of audio gear due to low noise and high impedance. 2. **Analog Switching:** Can be used as a voltage-controlled switch for low-level signals. 3. **Current Sources:** Used to create stable, constant current circuits. 4. **Impedance Matching:** Often used to interface high-impedance sensors (like Piezo pickups) to low-impedance amplifier stages. --- ### 5. Implementation Example Here is a basic representation of a P-Channel JFET biased for a common-source amplifier: ```text -Vcc (Negative Supply) | [ R_Drain ] | +------- Output | (D) 2N3820 G ----| (S) | [ R_Source ] | GND ``` *Note: Because it is P-channel, the supply voltage ($V_{CC}$) is typically negative relative to the source.*
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 2N3820 and its N-channel counterpart 2N3819?
    • ⤷ How do I test a 2N3820 using a digital multimeter?
    • ⤷ Can the 2N3820 be replaced by a modern MOSFET in audio circuits?