2SC3648-AB3-R
AI

### Overview of the 2SC3648-AB3-R
The **2SC3648-AB3-R** is an NPN epitaxial planar silicon transistor. It is primarily designed for use in high-voltage applications, particularly in the driver stages of color TV receivers and high-definition displays.
---
### Technical Specifications
| Parameter | Symbol | Value | Unit |
| :--- | :---: | :---: | :---: |
| Collector-Base Voltage | $V_{CBO}$ | 180 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 160 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 6 | V |
| Collector Current (DC) | $I_C$ | 0.7 | A |
| Collector Current (Pulse) | $I_{CP}$ | 1.5 | A |
| Collector Dissipation | $P_C$ | 1.0 | W |
| Junction Temperature | $T_j$ | 150 | °C |
---
### Key Features
1. **High Breakdown Voltage:** With a $V_{CEO}$ of 160V, it is suitable for circuits requiring high voltage tolerance.
2. **Excellent Linearity:** It maintains a stable DC current gain ($h_{FE}$), which is critical for signal amplification.
3. **High Frequency Response:** It features a high transition frequency ($f_T$), typically around 120 MHz, making it effective for video amplification.
4. **Complementary Pair:** It is often paired with the **2SA1428** (PNP type) for push-pull circuit configurations.
---
### Package and Part Suffix Decoding
The suffix **AB3-R** provides specific details regarding the physical packaging and shipping:
* **AB3:** Usually refers to the **SOT-89** surface-mount package. This package is compact but offers decent power dissipation through its large center lead.
* **R:** Indicates the "Tape and Reel" packing method, which is standard for automated Pick-and-Place assembly lines.
---
### Typical Applications
* **Video Output Stages:** Used in CRT monitors and TV sets to drive the cathode.
* **High Voltage Switching:** Suitable for small power supplies and inverter circuits.
* **Audio Drivers:** Used in the driver stage of high-fidelity audio amplifiers.
---
### Basic Bias Circuit Example
To use this NPN transistor as a simple switch or amplifier, the basic configuration is as follows:
```text
Vcc (High Voltage)
|
[RL] (Load)
|
+------- Collector
|
Base --[Rb]--| 2SC3648
|
+------- Emitter
|
GND
```
- ⤷
What are the equivalent replacement transistors for the 2SC3648?
- ⤷ How does the SOT-89 package affect its thermal management compared to TO-92?
- ⤷ What is the typical hFE range for the 'R' or 'S' classification of this transistor?