30LVD20-R
AI

The **30LVD20-R** is a high-voltage ceramic disc capacitor manufactured by Vishay Cera-Mite. It is part of the 30LVD series, specifically designed for low-voltage power supply and high-voltage isolation applications.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 2000 pF (0.002 µF) |
| **Voltage Rating** | 3000 Vdc (3 kV) |
| **Tolerance** | ±20% (Standard) |
| **Dielectric Material** | Y5R (Class 2 Ceramic) |
| **Mounting Type** | Through-hole (Radial Leads) |
| **Operating Temperature** | -30°C to +85°C |
---
### 2. Key Features
* **High Voltage Stability:** Capable of handling surges and steady-state voltages up to 3000V.
* **Flame Retardant:** Encapsulated in a flame-retardant epoxy resin (UL 94 V-0).
* **Radial Leaded:** Designed for traditional PCB mounting with copper-clad steel leads.
* **RoHS Compliant:** The "-R" suffix typically denotes compliance with RoHS environmental standards.
---
### 3. Common Applications
Due to its high voltage rating and specific dielectric properties, the 30LVD20-R is primarily used in:
1. **Power Supplies:** Used for input filtering and snubber circuits.
2. **Monitors and TVs:** Found in horizontal deflection circuits.
3. **Lighting Ballasts:** Used for transient suppression and high-frequency filtering.
4. **Voltage Multipliers:** Often found in circuits requiring voltage doubling or tripling.
---
### 4. Decoding the Part Number
The prefix and suffix tell the story of the component's physical build:
* **30LVD:** Series designation (High Voltage Disc).
* **20:** Represents the capacitance value (20 x 10^2 pF = 2000 pF).
* **-R:** Indicates RoHS compliance.
---
### 5. Equivalent/Alternative Parts
If this specific part is unavailable, engineers often look for these alternatives with similar 3kV/2nF specs:
* **Murata:** DEHC33F202KA3B
* **TDK:** CD Series high-voltage capacitors
* **KEMET:** C900 series (though physical dimensions may vary)
---
- ⤷What is the difference between Y5R and other dielectric classes like X7R?
- ⤷ How do I calculate the ripple current limit for this capacitor?
- ⤷ Are there specific soldering temperature profiles recommended for this ceramic disc?