31-342-RFX
AI

The **31-342-RFX** is a high-quality RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is specifically an **Isolated BNC Bulkhead Jack**, commonly used in professional broadcasting, telecommunications, and test equipment.
---
## 1. Technical Specifications
Below are the primary electronic and physical specifications for the 31-342-RFX:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC Female (Jack) |
| **Impedance** | 50 Ohms |
| **Frequency Range** | 0 - 4 GHz |
| **Mounting Type** | Bulkhead - Front Mount |
| **Termination** | Solder Pot |
| **Body Material** | Brass |
| **Body Finish** | Nickel |
| **Contact Plating** | Gold |
| **Insulator Material** | Delrin |
---
## 2. Key Electronic Components & Features
### A. Isolated Design
The "Isolated" feature is the most critical part of this component. Unlike standard BNC jacks where the outer shell is electrically connected to the metal chassis (ground), the 31-342-RFX uses an insulating washer.
* **Purpose:** This prevents "ground loops" which can cause noise or interference in sensitive electronic circuits.
### B. 50-Ohm Impedance
It is designed to match 50-ohm transmission lines. This ensures maximum power transfer and minimum signal reflection (VSWR) for RF signals up to 4 GHz.
### C. Material Composition
* **Gold-Plated Contacts:** The center contact is gold-plated to ensure low contact resistance and protection against oxidation over long periods.
* **Solder Pot Termination:** The rear of the connector features a "solder pot" which allows a wire to be directly soldered to the center conductor, providing a permanent and secure electronic connection.
---
## 3. Typical Applications
Because of its isolated nature, this part is frequently found in:
1. **Oscilloscopes & Spectrometers:** Where signal integrity is paramount.
2. **Audio/Video Patch Panels:** To prevent hum caused by different ground potentials.
3. **Medical Equipment:** Where electrical isolation between the patient-connected components and the chassis is required for safety.
---
- ⤷
What is the difference between a 50-ohm and 75-ohm BNC connector?
- ⤷ How does an isolated bulkhead jack prevent ground loops in a circuit?
- ⤷ What are the mounting hole dimensions required for the 31-342-RFX?