3SMS-1-R
AI

The **3SMS-1-R** is a specific electronic component belonging to the family of **Surface Mount (SMD) Slide Switches**. These are commonly used in compact electronic devices to allow users to toggle between different circuit states.
Below is a detailed breakdown of its specifications, construction, and applications.
---
### 1. Technical Specifications
The "3SMS" series typically follows industry-standard footprints for sub-miniature switches.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Slide Switch |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Contact Rating** | 0.4 VA max @ 20V AC/DC (Logic Level) |
| **Actuator Type** | Standard Slide (Side or Top Actuated) |
| **Orientation** | Right Angle or Vertical (Model dependent) |
| **Operating Temperature** | -30°C to +85°C |
---
### 2. Physical Construction
The part is designed for automated assembly processes and high durability.
* **Housing:** High-temperature plastic (Liquid Crystal Polymer or Nylon) capable of withstanding **reflow soldering** temperatures.
* **Contacts:** Usually gold-plated over nickel. Gold is used because these switches often operate at "logic levels" (low voltage/current), where preventing oxidation is critical for signal integrity.
* **Terminals:** Copper alloy with tin plating for excellent solderability.
* **Seal:** Many versions feature an internal O-ring or epoxy seal to protect contacts from flux and cleaning solvents during the PCB manufacturing process.
---
### 3. Functional Operation
The **SPDT (Single Pole Double Throw)** configuration means the switch has one common terminal and two selectable output terminals.
1. **Position A:** Connects Pin 1 (Common) to Pin 2.
2. **Position B:** Connects Pin 1 (Common) to Pin 3.
This makes it ideal for "On-On" functions or selecting between two different modes of operation in a circuit.
---
### 4. Common Applications
Due to its small footprint and SMD nature, the 3SMS-1-R is found in:
* **Handheld Electronics:** Power switches for small gadgets.
* **Telecommunications:** Mode selection (e.g., switching between frequency bands).
* **Instrumentation:** On-board configuration switches (similar to a DIP switch but for user interaction).
* **Medical Devices:** Small portable diagnostic tools.
---
### 5. Soldering & Handling
* **Reflow Soldering:** Designed to meet JEDEC standards for lead-free reflow.
* **Tape and Reel:** Usually supplied in embossed tape packaging for high-speed "Pick and Place" machines.
- ⤷
What is the difference between SPDT and DPDT slide switches?
- ⤷ Can the 3SMS-1-R handle high current power applications?
- ⤷ What are the footprint dimensions for the 3SMS series on a PCB?