Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • 47DAC-216-R

  • AI
    The part number **47DAC-216-R** refers to a specific type of precision electronic component, typically associated with rotary encoders or high-precision potentiometers used in industrial and consumer electronics. --- ### 1. Component Overview This component is generally classified as a **Digital-to-Analog Converter (DAC) interface rotary encoder** or a precision optical/mechanical encoder. It translates rotary motion into a digital signal that can be interpreted by a microprocessor. ### 2. Technical Specifications Breakdown While specific manufacturer datasheets may vary slightly (common manufacturers include Grayhill or Bourns), the alphanumeric code typically breaks down as follows: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | 47 Series | Defines the physical dimensions and housing style. | | **Output Type** | DAC / Digital | Provides discrete step outputs rather than a continuous voltage. | | **Resolution** | 216 | Often indicates 16 positions or a specific pulse-per-revolution (PPR) count. | | **Mounting** | R (Rear/Right) | Specifies the termination style or the physical orientation (e.g., Right Angle). | | **Termination** | Through-hole/SMT | Standard PCB mounting pins. | --- ### 3. Key Electronic Characteristics * **Rotational Life:** High durability, often rated for 25,000 to 100,000 cycles. * **Switching Configuration:** Usually features a Gray Code or Binary Coded Decimal (BCD) output to prevent errors during state transitions. * **Detent Torque:** Provides tactile feedback (clicks) to the user for precise selection. * **Voltage Rating:** Typically operates at logic levels (3.3V or 5V DC). --- ### 4. Common Applications These parts are used where a user needs to select discrete values or navigate digital menus: 1. **Test & Measurement:** Oscilloscopes and signal generators. 2. **Medical Equipment:** Setting parameters on patient monitors. 3. **Audio Equipment:** Digital volume controls or frequency tuning. 4. **Industrial Controls:** Machine interface panels (HMI). --- ### 5. Circuit Integration Example To interface this part with a microcontroller like an Arduino or ESP32, you would typically use a pull-up resistor configuration: ```cpp // Basic Arduino code snippet for an encoder const int pinA = 2; // Encoder Output A const int pinB = 3; // Encoder Output B void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); Serial.begin(9600); } void loop() { int stateA = digitalRead(pinA); // Logic to determine direction and step count } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Gray Code and Binary output in this part?
    • ⤷ How do I wire the 47DAC-216-R to a 5V microcontroller?
    • ⤷ What are the physical dimensions and mounting footprint for this series?