Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • 48NDM-2C2-R

  • AI
    The **48NDM-2C2-R** is a specific model of a **Miniature Power Relay**, commonly used in automotive and industrial control applications. It is part of the "N" series high-density relays known for their small footprint and high switching capacity. --- ## 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the 48NDM-2C2-R: | Feature | Specification | | :--- | :--- | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Nominal Coil Voltage** | 12V DC (Standard for automotive) | | **Contact Material** | Silver Tin Oxide (AgSnO2) | | **Max. Switching Current** | 25A (Continuous) / 30A (Inrush) | | **Coil Resistance** | ~180 $\Omega$ (approximate) | | **Operating Temperature** | -40°C to +105°C | | **Mounting Type** | Through-Hole (PCB Mount) | --- ## 2. Key Components & Construction The 48NDM-2C2-R is composed of several critical electronic and mechanical parts: ### A. The Coil (Actuator) * **Winding:** A fine copper wire wound around a core. When 12V DC is applied, it creates an electromagnetic field. * **Sensitivity:** Designed for low power consumption while maintaining enough force to toggle the contacts quickly. ### B. Contact System (2 Form C) * **Dual Circuit:** The "2C" designation indicates two independent sets of change-over contacts. This allows the relay to control two separate circuits simultaneously. * **AgSnO2 Material:** The use of Silver Tin Oxide makes the contacts resistant to "welding" and material transfer, which is common in high-current DC switching (like motors). ### C. Housing and Sealing * **Wash-Tight Construction:** The "R" in the suffix often denotes a sealed or flux-tight construction, allowing the PCB to be washed after soldering without damaging the internal mechanics. --- ## 3. Typical Applications Because of its high current rating and dual-pole configuration, it is frequently found in: 1. **Automotive Power Features:** Power windows, central locking systems, and seat adjustments. 2. **Reverse Polarity Control:** Used to reverse the direction of DC motors. 3. **Industrial Automation:** Small-scale motor control and signal switching. --- ## 4. Pin Configuration (Internal View) Below is a simplified representation of the DPDT structure: ```text Coil (+) [1] ---- ( ) ---- [2] Coil (-) Common 1 [3] ----|---- [4] NC 1 (Normally Closed) |---- [5] NO 1 (Normally Open) Common 2 [6] ----|---- [7] NC 2 (Normally Closed) |---- [8] NO 2 (Normally Open) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 48NDM and the 48NDP series?
    • ⤷ Can this relay be used with a 24V DC power supply?
    • ⤷ What are the recommended soldering temperatures for this PCB relay?