48NDR-4GD-R
AI

Based on the product code **48NDR-4GD-R**, this typically refers to a specific configuration of a **Solid State Drive (SSD)** or a specialized **Industrial Memory Module**, often associated with brands like Apacer or industrial electronics manufacturers.
Below is a breakdown of the electronic components and specifications for this type of part.
---
## 1. Product Specification Overview
The part number follows a standard industrial naming convention. Here is the technical breakdown:
| Specification | Details |
| :--- | :--- |
| **Capacity** | 4GB (Indicated by `4GD`) |
| **Interface** | SATA or PATA (Depending on form factor, typically 44-pin or 40-pin) |
| **Technology** | NAND Flash Storage |
| **Type** | Industrial / Embedded Grade |
| **Form Factor** | Disk-On-Module (DOM) or Compact Embedded Drive |
---
## 2. Key Electronic Components
A device like the **48NDR-4GD-R** consists of three primary electronic layers:
### A. NAND Flash Memory Chips
* **Function:** The non-volatile storage where data is physically kept.
* **Type:** Likely **SLC (Single-Level Cell)** or **Industrial MLC**. SLC is preferred in industrial parts for its high endurance (100,000 write cycles) and reliability in harsh environments.
### B. The Controller (The Brain)
* **Function:** Manages data flow between the host computer and the NAND flash.
* **Processes:**
* **Wear Leveling:** Ensures all memory cells are used evenly to prevent premature failure.
* **ECC (Error Correction Code):** Detects and fixes bit errors during data transfer.
* **Bad Block Management:** Identifies and maps out defective sectors.
### C. Interface Connector & Circuitry
* **Pinout:** The "48" in the prefix often refers to the specific series or connector orientation (e.g., a 40-pin or 44-pin IDE/ATA header).
* **Power Management:** Integrated circuits (ICs) that regulate voltage (usually 3.3V or 5V) to protect the flash from power spikes.
---
## 3. Industrial Features
Unlike consumer-grade electronics, the "-R" suffix often denotes specific ruggedized features:
1. **Operating Temperature:** Typically rated for **-40°C to +85°C** (Industrial Wide Temp).
2. **Shock/Vibration Resistance:** Designed to withstand mechanical stress in factory automation or transportation.
3. **RoHS Compliance:** The "R" often confirms the part is Lead-Free and compliant with environmental regulations.
---
## 4. Typical Applications
* **PLC (Programmable Logic Controllers):** Storing OS and logic data.
* **Embedded Systems:** Used in kiosks, ATMs, or medical devices.
* **Network Appliances:** Storing firmware for routers or firewalls.
---
- ⤷
What is the exact form factor (e.g.
- ⤷ 44-pin DOM vs. 2.5-inch) for this part number?
- ⤷ Can you provide the datasheet for the Apacer 48NDR series?
- ⤷ What is the difference between SLC and MLC in industrial electronics?