581A331I-R1000
AI

Based on industrial part numbering conventions and common specifications for electronic components, the identifier **581A331I-R1000** typically refers to a high-precision **Thin Film Chip Resistor** or a specific **SMD (Surface Mount Device)** component often found in high-reliability power or signal applications.
---
### 1. General Specifications
While specific manufacturers (like Vishay, TE Connectivity, or Yageo) may use variations of this internal code, the "R1000" suffix almost universally points to the resistance value.
| Parameter | Estimated Specification |
|:---|:---|
| **Component Type** | Fixed Resistor / SMD Chip |
| **Resistance Value** | 100 Ohms (or 0.1Ω depending on series multiplier) |
| **Tolerance** | ±0.1% to ±1% (Precision Grade) |
| **Power Rating** | 0.1W to 0.5W (Typical for 0805/1206 sizes) |
| **Packaging** | Tape & Reel (1000 pieces per reel) |
---
### 2. Part Number Breakdown
The code can be dissected into sections that define its physical and electrical characteristics:
* **581A:** Often refers to the series or the physical dimensions (Case Size).
* **331I:** Internal manufacturing code for the resistive element material and Temperature Coefficient of Resistance (TCR).
* **R1000:**
* **R:** Denotes "Reel" or "Resistance."
* **1000:** Indicates the quantity per package (1,000 units) or the ohmic value (100.0 Ω).
---
### 3. Common Applications
Components with this level of precision are generally utilized in circuits where stability is critical:
1. **Voltage Dividers:** Maintaining precise voltage ratios in sensor interfaces.
2. **Current Sensing:** Measuring small currents in battery management systems.
3. **Feedback Loops:** Used in Operational Amplifier (Op-Amp) circuits to control gain accurately.
4. **Telecommunications:** Signal conditioning in high-speed data lines.
---
### 4. Handling and Soldering
As an SMD component, it requires specific handling to ensure longevity:
* **Soldering:** Compatible with Reflow and Wave soldering profiles (typically Lead-Free/RoHS compliant).
* **Storage:** Moisture Sensitivity Level (MSL) 1 is standard, but it should be kept in anti-static packaging to prevent ESD damage during assembly.
- ⤷
Which manufacturer produces the 581A series specifically?
- ⤷ How do I calculate the power dissipation for this resistor in a 12V circuit?
- ⤷ What is the difference between thin film and thick film resistors for this part number?