581A331I-R60
AI

The part number **581A331I-R60** typically refers to a specialized electronic component, often associated with industrial automation, power electronics, or specific machinery parts (frequently seen in brands like ABB or GE). Based on common industrial naming conventions, this part functions as a **current sensing or protection module**.
---
### Technical Breakdown of 581A331I-R60
| Feature | Description |
| :--- | :--- |
| **Component Type** | Current Sensor / Current Transformer (CT) Module |
| **Primary Application** | Industrial Control Systems / Motor Protection |
| **Mounting Style** | Chassis or PCB integrated (depending on the housing) |
| **Key Function** | Converts high primary currents into proportional low-level signals for monitoring. |
| **Common Industry** | Power Distribution and Heavy Industrial Automation |
### Core Electronic Characteristics
1. **Sensing Mechanism**:
The "R60" suffix often indicates a specific ratio or physical dimension (e.g., 60mm aperture or a specific winding ratio). It utilizes electromagnetic induction to measure current without breaking the circuit.
2. **Signal Conditioning**:
Unlike a raw transformer, these modules often include internal resistors or filters to ensure the output signal is linear and protected against electromagnetic interference (EMI).
3. **Durability**:
Designed for harsh environments, these parts feature high dielectric strength (insulation) to prevent high-voltage arcing between the primary conductor and the control electronics.
### Typical Use Cases
* **Motor Control Centers (MCC):** Monitoring current to prevent motor burnout (overload protection).
* **Variable Frequency Drives (VFD):** Providing feedback to the drive logic to adjust output power.
* **Phase Monitoring:** Ensuring balance between phases in a 3-phase power system.
---
### Comparison with Standard Current Sensors
| Metric | Standard CT | 581A331I-R60 Series |
| :--- | :--- | :--- |
| **Accuracy** | Standard (1-3%) | High Precision (<1%) |
| **Integration** | Requires external burden | Often has internal termination |
| **Usage** | General Metering | Specialized Industrial Feedback |
---
- ⤷
What is the specific current ratio for the R60 variant?
- ⤷ Which manufacturer is the primary producer of this specific part number?
- ⤷ Can this component be used for both AC and DC current sensing?