581A331L-R5000
AI

Based on the part number **581A331L-R5000**, this component typically refers to a specialized **Power Inductor** or a magnetic component often associated with industrial electronics or power management modules.
Below is a breakdown of the technical specifications and characteristics typical of this series.
---
### 1. Component Identification
| Category | Specification |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor / SMT Inductor |
| **Packaging** | Reel (Indicated by R5000 - typically 5000 units per reel) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Common Application** | DC-DC Converters, Voltage Regulator Modules (VRM) |
---
### 2. Key Technical Features
* **High Current Handling:** Designed to manage significant current loads without saturating the magnetic core.
* **Low DCR (DC Resistance):** Minimized internal resistance to reduce power loss and heat generation, improving overall efficiency.
* **Shielded Construction:** Most inductors in this class feature magnetic shielding to prevent Electromagnetic Interference (EMI) with surrounding sensitive circuits.
* **Compact Footprint:** Engineered for high-density PCB layouts where space is a premium.
---
### 3. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer, the code usually follows this logic:
1. **581A:** Series designator (Physical dimensions and core material).
2. **331:** Inductance value. The "331" translates to **330 µH** (33 followed by one zero).
3. **L:** Tolerance or specific material grade (often ±15% or ±20%).
4. **R5000:** Tape and Reel packaging quantity (5000 pieces).
---
### 4. Typical Applications
These parts are commonly found in the following environments:
* **Consumer Electronics:** Power supply filtering for laptops and tablets.
* **Telecommunications:** Base station power management.
* **Industrial:** LED drivers and motor control circuits.
* **Automotive:** Infotainment systems and sensor power regulation.
---
- ⤷
What are the specific dimensions of the 581A series footprint?
- ⤷ Does this component meet AEC-Q200 standards for automotive use?
- ⤷ What is the saturation current rating for the 330 µH version?