581A331L-R60
AI

The part number **581A331L-R60** typically refers to a high-current power inductor, often used in voltage regulator modules (VRMs), servers, and high-performance computing power stages.
---
### 1. General Specifications
Based on industry standards for this specific part numbering series (often associated with manufacturers like Pulse Electronics or specialized power component vendors), here are the typical technical characteristics:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.60 µH (600 nH) | Denoted by the "R60" suffix. |
| **Type** | Power Inductor | Surface Mount (SMD) high-current inductor. |
| **Construction** | Ferrite Core | Low core loss at high frequencies. |
| **Tolerance** | ±10% to ±20% | Standard variance in inductance value. |
| **Application** | DC-DC Converters | Primarily for multi-phase buck converters. |
---
### 2. Key Features
The **581A331L-R60** is designed for extreme power density. Its primary features include:
* **High Saturation Current ($I_{sat}$):** Capable of handling high peak currents (often exceeding 40A-60A) without the inductance dropping significantly.
* **Low DCR (DC Resistance):** Designed with flat-wire or thick copper windings to minimize power dissipation and heat generation.
* **High Frequency Optimization:** Optimized for switching frequencies ranging from 200kHz to over 2MHz.
* **Thermal Stability:** Robust packaging designed to withstand high operating temperatures common in server environments.
---
### 3. Pinout and Physical Form Factor
While dimensions can vary slightly by manufacturer, these inductors usually follow a standard footprint for high-current applications:
* **Mounting:** Surface Mount Device (SMD/SMT).
* **Terminations:** Two large solder pads on the bottom for high current carry capacity and structural integrity.
* **Shielding:** Generally magnetically shielded to reduce Electromagnetic Interference (EMI) with neighboring components.
---
### 4. Common Applications
This specific inductor is most frequently found in:
1. **CPU/GPU Power Supplies:** VRMs surrounding high-end processors.
2. **Data Center Servers:** High-efficiency power modules.
3. **Networking Equipment:** High-speed routers and switches requiring stable voltage rails.
- ⤷
What is the maximum saturation current rating for the 581A331L-R60?
- ⤷ Which manufacturer is the primary producer of this part number?
- ⤷ Are there lower inductance versions available in the 581A series?