Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • 5HF12-R

  • AI
    The **5HF12-R** is a specific type of electronic component, primarily identified as a **miniature cartridge fuse**. It belongs to the 5HF series, which is characterized by its quick-acting (fast-blow) speed and high breaking capacity. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the 5HF12-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Fast-Acting Miniature Fuse | | **Current Rating** | 12 Amperes (12A) | | **Voltage Rating (AC)** | 250 Volts | | **Size / Dimension** | 5mm x 20mm (Standard Miniature) | | **Material** | Ceramic Tube with Silver-Plated Brass Caps | | **Breaking Capacity** | 1500A @ 250V AC | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### 2. Key Features and Construction * **Fast-Acting (Quick-Blow):** This fuse is designed to open the circuit very quickly when an overcurrent occurs. It is ideal for protecting sensitive electronic components that cannot withstand even brief surges. * **Ceramic Body:** Unlike glass fuses, the 5HF12-R uses a ceramic tube. This allows for a higher "Breaking Capacity" (the maximum current the fuse can safely interrupt without exploding or arcing). * **Sand Filling:** Most high-breaking capacity ceramic fuses contain internal granular filler (like quartz sand) to quench the arc formed when the fuse element melts. * **Suffix "-R":** In the electronic component industry (specifically brands like Bel Fuse), the "-R" suffix stands for **RoHS Compliance**, meaning the part is lead-free and environmentally friendly. --- ### 3. Common Applications The 5HF12-R is typically found in industrial and high-performance consumer electronics: 1. **Power Supplies:** Protecting the input stage of AC/DC converters. 2. **Industrial Controllers:** Used in PLCs and motor control circuits where high fault currents might occur. 3. **Monitors and Displays:** Protection for large-scale video equipment. 4. **Test Equipment:** Protecting internal circuitry in multimeters or oscilloscopes. --- ### 4. Safety and Replacement Warning When replacing a 5HF12-R, ensure the replacement meets the same criteria: ```json { "safety_check": [ "Must be 12A rating (do not use higher)", "Must be Fast-Acting (do not use Time-Delay/Slow-Blow)", "Must be Ceramic (if substituting glass, the breaking capacity is lowered)", "Dimensions must be exactly 5x20mm" ] } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic fuse and a glass fuse of the same rating?
    • ⤷ Can I replace a fast-acting fuse with a slow-blow fuse in an emergency?
    • ⤷ What are the typical manufacturers for the 5HF series?