Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • 5HT400-R

  • AI
    The **5HT400-R** is a high-performance **Silicon Controlled Rectifier (SCR)** or Thyristor module, typically used in industrial power control applications. It is designed to handle high current and high voltage loads. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Key Technical Specifications The "400" in the model number generally refers to its current rating, while the "R" often signifies the mechanical configuration (such as reverse polarity or a specific stud/module mount). | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **IT(AV)** | 400A | Average Forward Current | | **VDRM / VRRM** | 800V - 1600V | Repetitive Peak Off-State / Reverse Voltage | | **ITSM** | ~8000A - 10000A | Non-repetitive Surge Peak Current | | **VGT** | 2.5V - 3.0V | Gate Trigger Voltage | | **IGT** | 150mA - 200mA | Gate Trigger Current | | **Package Type** | Stud Mount / Capsule | Heavy-duty industrial housing | --- ## 2. Internal Electronic Structure The 5HT400-R is a **four-layer (P-N-P-N) semiconductor** device. It acts as a bistable switch that conducts when the gate receives a current pulse and continues to conduct as long as the device is forward-biased. ### Core Components: * **Anode:** The positive terminal where current enters. * **Cathode:** The negative terminal where current exits. * **Gate:** The control terminal used to "fire" (turn on) the device. * **Heat Sink Interface:** Given the 400A rating, the physical casing is designed for high thermal conductivity to dissipate heat generated during conduction. --- ## 3. Operating Principles 1. **Forward Blocking:** The device remains OFF even if a forward voltage is applied, until a pulse reaches the Gate. 2. **Triggering:** Once the Gate current ($I_{GT}$) exceeds the threshold, the SCR switches to the ON state. 3. **Conduction:** It maintains conduction with very low internal resistance until the current drops below the "Holding Current" ($I_H$). 4. **Commutation:** To turn the device OFF, the current must be reduced to near zero or the polarity must be reversed (usually via the AC cycle). --- ## 4. Common Applications Due to its high current capacity, the 5HT400-R is found in the following electronic systems: * **Phase Control:** Used in AC dimmers and industrial motor speed controllers. * **Rectification:** Converting high-current AC to DC in electrolytic processes or battery chargers. * **Soft Starters:** Reducing inrush current in large industrial motors. * **Static Switching:** Replacing mechanical contactors in high-vibration environments. --- ## 5. Circuit Implementation Example A typical firing circuit for an SCR module like the 5HT400-R often uses a **DIAC** or a **UJT (Unijunction Transistor)** to provide a clean pulse to the gate. ```markdown [AC Source] ---- [5HT400-R Anode] | [Gate Control Circuit] | [Load] --------- [5HT400-R Cathode] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 5HT400-R?
    • ⤷ How does the 'R' suffix change the mounting compared to a standard model?
    • ⤷ What are the recommended cooling methods for a 400A SCR module?