AI

The **74AC280** is a high-speed CMOS device designed for parity generation and checking. It is commonly used in digital systems to ensure data integrity during transmission or storage.
---
### 1. General Overview
The 74AC280 is a **9-bit Odd/Even Parity Generator/Checker**. It accepts nine bits of input data and provides two outputs indicating whether the number of high levels (logic 1s) at the inputs is even or odd.
| Feature | Specification |
| :--- | :--- |
| **Logic Family** | 74AC (Advanced CMOS) |
| **Input Channels** | 9 (A through I) |
| **Outputs** | 2 (Sum Even, Sum Odd) |
| **Voltage Range** | 2.0V to 6.0V |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Functional Pin Description
The device typically comes in a 14-pin or 16-pin package (DIP, SOIC, or TSSOP).
| Pin Name | Type | Description |
| :--- | :--- | :--- |
| **A - I** | Input | 9 Data input bits to be checked. |
| **$\Sigma$ Even** | Output | High if an **even** number of inputs are High. |
| **$\Sigma$ Odd** | Output | High if an **odd** number of inputs are High. |
| **Vcc** | Power | Positive supply voltage. |
| **GND** | Power | Ground (0V). |
---
### 3. Truth Table Logic
The outputs are complementary. If one is High, the other must be Low.
| Number of Inputs (A-I) that are HIGH | $\Sigma$ Even Output | $\Sigma$ Odd Output |
| :--- | :--- | :--- |
| 0, 2, 4, 6, 8 | **HIGH** | LOW |
| 1, 3, 5, 7, 9 | LOW | **HIGH** |
---
### 4. Key Advantages of the 'AC' Series
The "AC" (Advanced CMOS) designation provides specific electronic benefits over older families (like 74LS or 74HC):
* **High Speed:** Propagation delays are typically around 5ns to 8ns.
* **High Drive Current:** Capable of sourcing or sinking 24mA, allowing it to drive transmission lines directly.
* **Low Power Consumption:** Minimal static power dissipation compared to TTL logic.
---
### 5. Common Applications
1. **Error Detection:** Adding a parity bit to an 8-bit bus (using the 9th input as a fixed ground or control) to detect single-bit errors in memory.
2. **Data Transmission:** Used at both the transmitter (to generate the parity bit) and the receiver (to verify the parity bit).
3. **Cascading:** Multiple 74AC280 units can be linked together to handle 16-bit, 32-bit, or 64-bit words.
- ⤷
How do you cascade two 74AC280 chips to handle a 16-bit word?
- ⤷ What is the difference between the 74AC280 and the 74HC280?
- ⤷ Can the 74AC280 be used for cyclic redundancy checks (CRC)?