Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • 74ACT652

  • AI
    ## Overview of the 74ACT652 The **74ACT652** is a high-performance CMOS Octal Transceiver and Register. It is primarily used in data bus communications where bi-directional data flow and temporary data storage are required. It combines two 8-bit registers and two 2-way multiplexers in a single package. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | ACT (Advanced CMOS with TTL-compatible inputs) | | **Operating Voltage ($V_{CC}$)** | 4.5V to 5.5V | | **Propagation Delay** | ~5ns to 10ns (typical) | | **Output Drive Current ($I_{OH}/I_{OL}$)** | -24mA / 24mA | | **Package Options** | DIP, SOIC, SSOP, TSSOP | | **Operating Temperature** | -40°C to +85°C | --- ### Core Functional Blocks The device consists of two main paths: **A-to-B** and **B-to-A**. Each path features: 1. **D-Type Latch/Register:** For storing data on the rising edge of the clock signal ($CLKAB$ or $CLKBA$). 2. **Multiplexer:** Controlled by Select pins ($SAB$ or $SBA$) to determine if the output should be "real-time" (direct from the input) or "stored" (from the internal register). 3. **3-State Buffer:** Allows the outputs to be placed in a high-impedance state, effectively disconnecting the chip from the bus. --- ### Logic Table (Simplified) The operation is determined by the Select ($S$) and Output Enable ($OE$) pins. | OEAB | OEBA | Action | | :--- | :--- | :--- | | **L** | **H** | **A to B:** Data flows from Port A to Port B | | **H** | **L** | **B to A:** Data flows from Port B to Port A | | **L** | **L** | **Isolation:** Both ports are high-impedance (inputs only) | | **H** | **H** | **Bidirectional:** Both ports act as outputs (potential bus contention) | *Note: The $SAB$ and $SBA$ pins further determine if the data being sent is the current input or the previously stored value.* --- ### Pin Descriptions | Pin Name | Description | | :--- | :--- | | **A0 - A7** | Port A Data Inputs/Outputs | | **B0 - B7** | Port B Data Inputs/Outputs | | **CLKAB / CLKBA** | Clock inputs for A-to-B and B-to-A registers | | **SAB / SBA** | Select inputs for Multiplexers | | **OEAB / OEBA** | Output Enable inputs for bus control | --- ### Typical Applications * **Microprocessor Systems:** Interfacing different data buses. * **Digital Buffering:** Isolating high-speed logic circuits. * **Data Synchronization:** Holding data until a peripheral is ready to receive it.
    ✨ Follow-up Questions
    • What is the difference between the 74HC652 and the 74ACT652 versions?
    • Can the 74ACT652 be used to shift data between 3.3V and 5V systems?
    • How does the 'Real-time' mode differ from the 'Stored' mode in this chip?