75N75-TA3-R
AI

The **75N75-TA3-R** is a specific part number for a high-power N-Channel MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is widely used in power switching applications due to its high current handling and low on-resistance.
### 1. General Specifications
The "75N75" nomenclature typically indicates its core ratings: **75 Volts** and **75 Amperes**.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 75V | The maximum voltage the transistor can handle across its drain and source. |
| **Continuous Drain Current ($I_D$)** | 75A | The maximum current it can carry continuously at room temperature ($25^\circ C$). |
| **On-Resistance ($R_{DS(on)}$)** | ~11m$\Omega$ | The resistance between drain and source when fully turned on (lower is better for efficiency). |
| **Package Type** | TO-220 | A common through-hole package designed for easy heatsink mounting. |
| **Gate-Source Voltage ($V_{GS}$)** | $\pm$20V | The maximum voltage allowed on the control pin. |
---
### 2. Breakdown of the Part Number (UTC Standard)
This part is often manufactured by **Unisonic Technologies (UTC)**. The suffix provides detail on the physical packaging and material:
* **75N75**: The base model (75V, 75A).
* **TA3**: Refers to the **TO-220** package style.
* **R**: Usually denotes **RoHS compliance** (Lead-free/Green material).
---
### 3. Pin Configuration
The TO-220 package has three pins, viewed from the front (label side) with pins pointing down:
1. **Gate (G)**: The "Switch" input. Applying voltage here allows current to flow.
2. **Drain (D)**: Connected to the load (and the metal tab on the back).
3. **Source (S)**: Connected to the ground or negative side of the circuit.
---
### 4. Typical Applications
Because of its high current capacity and durability, the 75N75-TA3-R is found in:
* **Motor Controllers**: PWM speed control for DC motors.
* **Inverters**: Converting DC battery power to AC.
* **Uninterruptible Power Supplies (UPS)**: Switching power sources during outages.
* **DC-DC Converters**: High-efficiency voltage regulation.
---
### 5. Key Features
* **Fast Switching**: Capable of high-frequency operation.
* **Low Thermal Resistance**: Efficiently transfers heat to a heatsink.
* **Avalanche Rated**: Can handle brief voltage spikes without immediate failure.
- ⤷
What are the equivalent alternative parts for the 75N75-TA3-R?
- ⤷ How do I calculate the heat dissipation requirements for this MOSFET?
- ⤷ What is the threshold gate voltage required to fully turn on this device?