8340-G210-R1R2
AI

The **8340-G210-R1R2** is a specific model within the **8340 series** of magnetic-hydraulic circuit breakers manufactured by **E-T-A**. This component is designed for precise overcurrent protection in telecommunications, control systems, and industrial automation.
---
### 1. Technical Specifications
The part number defines the physical and electrical characteristics of the device.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | 8340 | Magnetic-hydraulic circuit breaker |
| **Mounting** | G2 | Rail mounting (DIN rail) |
| **Actuator** | 1 | Toggle switch (Single pole) |
| **Terminal** | 0 | Screw terminals |
| **Characteristic** | R1 | Medium delay (standard curve) |
| **Auxiliary Contact** | R2 | Auxiliary contact (NO/NC configuration) |
---
### 2. Core Electronic Principles
Unlike standard thermal breakers that rely on heat to bend a bimetallic strip, the 8340-G210-R1R2 uses a **magnetic-hydraulic mechanism**:
* **Magnetic Solenoid:** A coil senses the current flow. When a short circuit occurs, the massive magnetic field instantly pulls the armature to trip the breaker.
* **Hydraulic Delay:** For moderate overloads, a plunger moves through a silicone fluid. The viscosity of the fluid provides the "R1" time delay, preventing nuisance trips caused by temporary power surges.
* **Temperature Independence:** Because it is magnetic rather than thermal, its trip point remains stable regardless of the ambient temperature (unlike standard fuses or thermal breakers).
---
### 3. Wiring and Auxiliary Functions
The **R2** suffix indicates the inclusion of an integrated auxiliary contact circuit.
#### Auxiliary Contact Logic
This is used for remote signaling (e.g., sending a signal to a PLC or turning on a warning LED).
| Breaker State | Main Contacts | Auxiliary Contact (R2) |
| :--- | :--- | :--- |
| **ON** | Closed | Standard Operating State |
| **OFF (Manual)** | Open | Signal Changes |
| **TRIPPED (Fault)** | Open | Signal Changes (Alerts System) |
---
### 4. Typical Applications
* **Telecommunications:** Protecting DC power distribution units.
* **Process Control:** Ensuring sensitive PLCs are not damaged by overcurrent.
* **Medical Equipment:** Precise protection where heat sensitivity is an issue.
- ⤷
What are the specific current ratings available for the 8340-G2 series?
- ⤷ How does the 'R1' delay curve compare to 'F1' fast-acting curves?
- ⤷ What is the maximum voltage rating for the 8340-G210-R1R2?