AI

## Technical Overview: 8536SHO2V06H674
The **8536SHO2V06H674** is a specific configuration of a **NEMA Type S Magnetic Motor Starter** manufactured by Schneider Electric (Square D). It is designed for starting and stopping AC motors across the line while providing overload protection.
---
### 1. Part Number Breakdown
To understand the electronic and mechanical parts, we must decode the product string:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Product Type** | 8536 | NEMA Magnetic Motor Starter (Non-reversing) |
| **Size** | S | NEMA Size 6 (Rated for high current/HP) |
| **Enclosure** | H | Open Style (No enclosure, intended for control panels) |
| **Form** | O | Open (Integrated into existing systems) |
| **Voltage Code** | V06 | 480V AC, 60Hz Coil (Standard Control Voltage) |
| **Options** | H674 | Specific modification code (Internal/External modifications) |
---
### 2. Core Electronic and Electromechanical Components
This device is comprised of several critical parts that work in tandem to manage high-voltage motor loads:
#### A. The Contactor (Size 6)
* **Purpose:** The main switching mechanism.
* **Function:** Uses a 480V electromagnetic coil to pull in heavy-duty silver-alloy contacts.
* **Rating:** NEMA Size 6 starters are heavy-duty, typically rated for up to **400 Amperes** and approximately **400 HP at 460V**.
#### B. The Magnetic Coil (V06)
* **Voltage:** 480V AC.
* **Operation:** When the control circuit is energized, this coil creates a magnetic field that closes the main power poles.
* **Maintenance:** This is a replaceable part if the coil burns out due to voltage spikes or mechanical binding.
#### C. Thermal Overload Relay
* **Protection:** Protects the motor from drawing too much current (overheating).
* **H-Suffix/Mod:** Usually indicates a specific melting alloy (Eutectic) or bimetallic overload block.
* **Operation:** If current exceeds the trip setting, the heat melts a specialized solder or bends a strip, opening the control circuit and dropping the contactor out.
#### D. Auxiliary Contacts
* **Function:** These are smaller contacts used for signaling (e.g., turning on a "Running" light or providing feedback to a PLC).
* **Configuration:** Typically comes with one Normally Open (N.O.) holding circuit contact.
---
### 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **NEMA Size** | 6 |
| **Continuous Ampere Rating** | 540A |
| **Phase** | 3-Phase |
| **Coil Voltage** | 480V AC @ 60 Hz / 440V AC @ 50 Hz |
| **Mounting Type** | Surface / Panel |
| **Overload Type** | Thermal (Specific to H-code configuration) |
---
### 4. Summary of H674 Modification
The **H674** suffix represents a specialized factory modification. In the Square D ecosystem, "H" codes often refer to:
* Specific types of solid-state or thermal overload blocks.
* Modifications to the control circuit (e.g., addition of specific fuses or isolated contacts).
* *Note: For precise H-code internal wiring, a factory data sheet for that specific serial number is required.*
---
- ⤷
What are the specific horsepower ratings for a NEMA Size 6 starter at different voltages?
- ⤷ How do I test the 480V V06 coil for failure?
- ⤷ What are the compatible replacement overload heaters for this model?