Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • 88C57L-AF5-R

  • AI
    The **88C57L-AF5-R** is a specific low-voltage power management component, typically categorized as a **Voltage Detector** or **Reset IC**. These parts are primarily used to monitor supply voltages and provide a reset signal to microprocessors or other digital logic circuits when the voltage drops below a safe threshold. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers like **UTC (Unisonic Technologies)**. | Parameter | Details | | :--- | :--- | | **Component Type** | Voltage Detector / Reset IC | | **Detection Voltage** | 5.7V (Typical) | | **Package Type** | SOT-25 / SOT-23-5 (indicated by "AF5") | | **Output Type** | Open Drain or CMOS (Check specific datasheet suffix) | | **Operating Voltage** | 1.0V to 10.0V (Approx.) | | **Tolerance** | ±2% | | **RoHS Status** | Lead-Free / Halogen-Free (indicated by "R") | --- ## 2. Pin Configuration (SOT-25) Standard configurations for the "AF5" package usually follow this pinout: 1. **Vout**: Reset Output. 2. **Vdd**: Power Supply / Sensing Input. 3. **Vss (GND)**: Ground. 4. **NC/CD**: No Connection or External Delay Capacitor (depending on variant). 5. **NC**: No Connection. --- ## 3. Key Features & Functionality ### Power-On Reset (POR) It ensures that the system starts in a known state by holding the reset line low until the power supply stabilizes at the correct operating voltage. ### Low Power Consumption These ICs are designed for battery-operated devices, typically drawing less than 1-2 microamps ($\mu A$) during normal operation. ### Hysteresis To prevent "chatter" (rapid toggling) near the threshold voltage, the device includes internal hysteresis. This means the release voltage is slightly higher than the detection voltage. --- ## 4. Application Circuit Example Below is a conceptual representation of how this part is integrated into a system. ```c [Power Rail 5.7V+] | +-------[ Vdd (Pin 2) ] | | [Pull-up Resistor] [ 88C57L ]----[ Vout (Pin 1) ]---> [ MCU Reset Pin ] | | +----------[ Vss (Pin 3) ]---> [ Ground ] ``` --- ## 5. Part Number Breakdown * **88C**: Series Identifier (Voltage Detector). * **57**: Detection Voltage (5.7 Volts). * **L**: Version/Accuracy code. * **AF5**: Package code (SOT-23-5 / SOT-25). * **R**: Tape & Reel packaging (RoHS compliant).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an Open-Drain and CMOS output for this IC?
    • ⤷ Can this part be used to monitor a 3.3V rail instead of 5.7V?
    • ⤷ How does the hysteresis feature prevent system instability?