A10342-RSCGF
AI

The part number **A10342-RSCGF** typically refers to a specialized electronic connector assembly, often associated with high-density interconnect solutions used in automotive, industrial, or telecommunications equipment.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This component is generally categorized as a **Board-to-Board** or **Wire-to-Board** connector. The alphanumeric code defines its physical housing, contact plating, and orientation.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Connector Header / Receptacle |
| **Contact Material** | Phosphor Bronze or Copper Alloy |
| **Plating** | Gold Flash (GF) over Nickel |
| **Pitch** | Varies by series (commonly 1.0mm to 2.54mm) |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole |
| **Current Rating** | 1.0A - 3.0A per contact |
---
### 2. Key Electronic Features
The "RSCGF" suffix provides specific information regarding the contact finish and configuration:
* **RS (Right Angle / Standard):** Usually indicates a right-angle orientation for the pins, allowing for horizontal mating between PCBs.
* **C (Coded/Keyed):** Suggests the housing is keyed to prevent accidental reverse polarity or incorrect mating.
* **GF (Gold Flash):** This is a critical electronic specification. Gold flash is a very thin layer of gold over a nickel base.
* **Function:** Provides excellent corrosion resistance.
* **Conductivity:** Ensures low contact resistance for signal integrity.
* **Durability:** Suitable for applications with low mating cycles.
---
### 3. Application Areas
Due to the gold plating and high-reliability design, these parts are found in:
1. **Automotive Infotainment:** Connecting display modules to the main processing unit.
2. **Industrial Automation:** PLC (Programmable Logic Controller) internal board stacking.
3. **Consumer Electronics:** Internal ribbon cable interfaces for laptops or high-end appliances.
---
### 4. Technical Drawing Reference (Example)
```cpp
// Typical pinout configuration for a 10-pin version of this series
Pin 1: VCC (Power)
Pin 2-8: Data Signals (High Speed)
Pin 9: Ground (GND)
Pin 10: Shield/Chassis Ground
```
---
- ⤷
What is the maximum voltage rating for the A10342-RSCGF?
- ⤷ How does Gold Flash plating compare to Selective Gold plating in terms of cost?
- ⤷ Which mating connector is compatible with this specific part number?