Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AAC-A4123-R

  • AI
    ## Analysis of AAC-A4123-R Electronic Component The **AAC-A4123-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for energy storage and noise filtering. --- ### 1. Key Technical Specifications Based on standard industry data for this part series, here are the general specifications: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Varies by sub-code (e.g., 4.7µH to 22µH) | | **Current Rating** | High Current (DC) | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded | --- ### 2. Physical Construction The "R" suffix usually denotes **RoHS Compliance**, meaning the part is lead-free and environmentally friendly. * **Core Material:** Usually Ferrite or Metal Composite for high efficiency. * **Shielding:** The magnetic shielding minimizes Electromagnetic Interference (EMI) with surrounding components. * **Footprint:** Designed for automated pick-and-place assembly lines. --- ### 3. Common Applications Inductors like the AAC-A4123-R are critical in the following circuits: 1. **DC-DC Converters:** Used to store energy during the switching cycle of power supplies. 2. **Voltage Regulator Modules (VRM):** Found in laptops and motherboards to stabilize CPU/GPU power. 3. **Noise Filtering:** Acts as a low-pass filter to remove high-frequency noise from power lines. 4. **Battery Powered Devices:** Used in tablets and smartphones due to its small form factor and efficiency. --- ### 4. Sample Circuit Integration In a simple Buck Converter application, the inductor is placed between the switching node and the output capacitor: ```cpp // Schematic representation of Inductor Placement [Switching IC] ---> [Inductor (AAC-A4123-R)] ---> [V_Output] | [Output Capacitor] | [GND] ```
    ✨ Follow-up Questions
    • What is the exact inductance value for the A4123-R series?
    • Are there pin-compatible alternatives for this inductor?
    • What is the maximum saturation current for this part?