Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ACV-A121-R

  • AI
    The **ACV-A121-R** is a specific electronic component, typically categorized as a **Pressure Sensor** or **Pressure Switch**, often used in industrial automation and fluid control systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications This table summarizes the core electrical and mechanical parameters usually associated with this model series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Pressure Sensor / Switch | | **Operating Voltage** | 12V to 24V DC | | **Current Consumption** | < 50 mA | | **Output Type** | PNP or NPN Open Collector (Digital) | | **Response Time** | ≤ 2.5 ms | | **Pressure Range** | Varies by sub-model (typically 0 to 1 MPa) | | **Connection Type** | M12 Connector or Lead Wire | --- ### 2. Key Electronic Features * **Switching Output:** The device acts as a digital switch. When the pressure reaches a predefined set point, the internal transistor (NPN or PNP) toggles, sending a signal to a PLC (Programmable Logic Controller). * **LED Indicators:** Most units in this series feature high-visibility LEDs (Red/Green) to indicate the power status and the switching state (On/Off). * **Hysteresis Adjustment:** Many models allow for electronic adjustment of the "deadband" (hysteresis) to prevent the output from chattering when the pressure is oscillating near the set point. * **Protection Circuitry:** * **Reverse Polarity Protection:** Prevents damage if the DC power wires are swapped. * **Short Circuit Protection:** Safeguards the output transistor from excessive current. --- ### 3. Wiring Configuration The standard wiring for these sensors usually follows the industrial brown/blue/black color code: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +V | Positive DC Supply (12-24V) | | **Blue** | 0V | Common / Ground | | **Black** | Output | Switching signal to the controller | --- ### 4. Typical Applications * **Pneumatic Systems:** Monitoring air pressure in factory lines. * **Leak Detection:** Identifying drops in pressure that signify a system failure. * **Process Control:** Ensuring that clamping or moving parts have sufficient pressure before moving to the next stage of automation.
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range for the R-suffix variant?
    • ⤷ Can this sensor be used with AC voltage instead of DC?
    • ⤷ How do I calibrate the set point for the ACV-A121-R?