AD22280-R2
AI

The **AD22280-R2** is a high-performance, dual-axis accelerometer specifically engineered for automotive safety applications, primarily used in airbag deployment systems and impact sensing.
---
### 1. Key Technical Specifications
The device is designed to measure acceleration in two perpendicular axes (X and Y) with high precision and integrated signal conditioning.
| Feature | Specification |
| :--- | :--- |
| **Measurement Range** | ±50g (Standard) |
| **Output Type** | Analog Voltage |
| **Axes** | Dual (X and Y) |
| **Package Type** | LCC-8 (Leadless Chip Carrier) |
| **Supply Voltage** | 5.0V (Typical) |
| **Operating Temp** | -40°C to +105°C |
---
### 2. Internal Components and Architecture
The AD22280-R2 is an Integrated Circuit (IC) that combines Micro-Electro-Mechanical Systems (MEMS) technology with standard CMOS processing.
* **MEMS Sensor Core:** Uses a differential capacitive surface-micromachined structure. When acceleration is applied, the proof mass moves, changing the capacitance between fixed and moving plates.
* **Signal Conditioning:** Includes a pre-amplifier, a synchronous demodulator, and a filter. This converts the tiny capacitance changes into a measurable voltage.
* **Temperature Compensation:** Built-in circuitry compensates for sensitivity and offset shifts caused by temperature fluctuations.
* **Self-Test Circuitry:** Allows the system to electronically simulate a force on the sensor to verify that both the mechanical and electronic portions are functioning correctly.
---
### 3. Pin Configuration (Typical LCC-8)
| Pin | Function | Description |
| :--- | :--- | :--- |
| **VDD** | Power Supply | Input voltage (usually 5V). |
| **GND** | Ground | Common reference point. |
| **X-OUT** | X-Axis Output | Analog voltage proportional to X-axis acceleration. |
| **Y-OUT** | Y-Axis Output | Analog voltage proportional to Y-axis acceleration. |
| **ST** | Self-Test | Input pin to trigger the internal self-test diagnostic. |
---
### 4. Major Applications
Because of its reliability and specific G-force rating, it is found in:
1. **Airbag Control Units (ACU):** Sensing side-impact or front-impact collisions.
2. **Vehicle Dynamics:** Monitoring chassis movement and stability control.
3. **Industrial Vibration:** High-G monitoring in heavy machinery.
---
- ⤷
What are the main differences between the AD22280 and newer digital accelerometers?
- ⤷ How do you calibrate the analog output of the AD22280 for a microcontroller?
- ⤷ What is the typical sensitivity (mV/g) for this specific model?