Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AD5258BRMZ1-R7

  • AI
    ## AD5258BRMZ1-R7 Technical Overview The **AD5258BRMZ1-R7** is a high-performance, non-volatile memory, digital potentiometer manufactured by Analog Devices. It is designed to replace mechanical potentiometers and variable resistors in electronic circuits, offering 64-step resolution and an I²C-compatible interface. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Resistance** | 1 kΩ (Standard) | | **Resolution** | 64 Positions (6-bit) | | **Interface** | I²C Serial Interface | | **Memory Type** | Non-volatile (EEPROM) | | **Supply Voltage (Single)** | 2.7V to 5.5V | | **Temperature Range** | -40°C to +85°C | | **Package** | 10-Lead MSOP (Micro Small Outline Package) | --- ### Internal Functional Blocks 1. **Resistor Network:** A string of 64 resistors connected in series. Switches (MOS transistors) connect the "Wiper" (W terminal) to one of the tap points between the "A" and "B" terminals. 2. **I²C Interface:** Allows a microcontroller to read from or write to the device's registers. 3. **EEPROM:** This is a critical feature. When the power is cycled, the device automatically reloads the last saved wiper position from this internal memory. 4. **Tolerance Register:** Stores the actual resistance value of the part (factory programmed), allowing for more precise calibration in software. --- ### Pin Configuration (10-MSOP) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **B** | Bottom terminal of the resistor. | | 2 | **A** | Top terminal of the resistor. | | 3 | **W** | Wiper terminal (the adjustable output). | | 4 | **Vdd** | Positive power supply (2.7V to 5.5V). | | 5 | **GND** | Ground. | | 6 | **SCL** | I²C Clock Input. | | 7 | **SDA** | I²C Data I/O. | | 8 | **AD0** | I²C Address Bit 0 (allows multiple devices on one bus). | | 9 | **AD1** | I²C Address Bit 1. | | 10 | **WP** | Write Protect (protects EEPROM contents). | --- ### Common Applications * **Mechanical Potentiometer Replacement:** Ideal for systems requiring automated calibration. * **LCD Contrast Control:** Adjusting the bias voltage for displays. * **Programmable Filters/Gain:** Used in operational amplifier circuits to adjust gain or cutoff frequencies. * **Sensor Calibration:** Fine-tuning offset and gain for analog sensors. --- ### Design Considerations ```cpp // Typical I2C Write Logic for AD5258 (Pseudocode) void setWiperPosition(uint8_t position) { I2C_Start(); I2C_SendAddress(0x18); // Example base address I2C_SendData(0x00); // Instruction: Write to RDAC register I2C_SendData(position & 0x3F); // 6-bit data (0-63) I2C_Stop(); } ``` * **Wiper Resistance:** Note that the internal switch has a small resistance (typically around 50–100 ohms), which should be accounted for in 1 kΩ models. * **Voltage Limits:** The voltage at terminals A, B, and W must not exceed $V_{dd}$ or go below $GND$.
    ✨ Follow-up Questions
    • ⤷What is the difference between volatile and non-volatile digital potentiometers?
    • ⤷ How do you calculate the output voltage at the wiper terminal (W)?
    • ⤷ Can the AD5258 be used in a rheostat configuration?