Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AD8290ACPZ-R71

  • AI
    The **AD8290ACPZ-R7** is a high-performance, precision instrumentation amplifier and signal conditioning IC designed by Analog Devices. It is specifically engineered for applications requiring high gain, low noise, and integrated safety features. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Precision Signal Conditioner / Instrumentation Amp | | **Supply Voltage Range** | 2.6 V to 5.5 V | | **Quiescent Current** | ~1.2 mA | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | LFCSP-16 (3mm x 3mm) | | **Gain Stability** | High precision over temperature | --- ### 2. Functional Components and Features The AD8290 integrates several electronic stages into a single silicon chip to reduce board space and improve accuracy: * **Instrumentation Amplifier Core:** Provides high input impedance and excellent Common-Mode Rejection Ratio (CMRR). This allows the chip to extract small signals (like those from a bridge sensor) in the presence of noise. * **Integrated Voltage Reference:** It includes a low-drift voltage reference to bias the output or provide a baseline for the ADC. * **Safety/Diagnostic Circuitry:** One of its standout features is the ability to detect "Open-Circuit" or "Short-Circuit" conditions on the sensor inputs, making it ideal for safety-critical automotive or industrial systems. * **Offset Adjustment:** It features internal circuitry to minimize offset voltage, ensuring that the output signal accurately represents the input. --- ### 3. Applications and Usage This part is commonly used in environments where precision and reliability are non-negotiable: 1. **Current Sensing:** Monitoring current flow across shunt resistors in battery management systems. 2. **Pressure/Strain Gauges:** Conditioning signals from wheatstone bridge sensors. 3. **Automotive Systems:** Used in electronic power steering or braking systems where diagnostic capability is required. 4. **Medical Instrumentation:** Low-power signal acquisition for portable devices. --- ### 4. Typical Connection Block (Pseudo-Code/Logic) When designing a PCB with the AD8290, the basic connection logic follows this structure: ```cpp // Schematic Connection Logic Input_Positive -> Pin 1 (IN+) // Sensor signal high Input_Negative -> Pin 16 (IN-) // Sensor signal low Supply_Voltage -> Pin 13 (VCC) // 3.3V or 5V Ground -> Pin 12 (GND) // System Ground Output_Signal -> Pin 7 (VOUT) // To Microcontroller ADC ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8290 and standard instrumentation amplifiers?
    • ⤷ How does the diagnostic feature detect a sensor failure?
    • ⤷ What are the PCB layout recommendations for the LFCSP package to ensure thermal stability?