Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AD8502ARJZ-R2

  • AI
    The **AD8502ARJZ-R2** is a high-performance, ultra-low power CMOS operational amplifier (op-amp) manufactured by Analog Devices. It is specifically engineered for battery-powered applications where power consumption is the most critical design constraint. --- ## 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 1.8 V to 5.5 V | | **Supply Current** | 1 µA per amplifier (Typical) | | **Channels** | Dual (2 Amplifiers) | | **Input Bias Current** | 1 pA | | **Offset Voltage** | 3 mV (Maximum) | | **Gain Bandwidth** | 7 kHz | | **Input/Output Type** | Rail-to-Rail | | **Package** | SOT-23-8 | --- ## 2. Core Features and Functionality ### Ultra-Low Power Consumption The standout feature of the AD8502 is its **1 µA** current draw. This makes it ideal for devices that must remain "always-on" for years using a single coin-cell battery. ### Rail-to-Rail Input and Output (RRIO) This part allows the input and output signals to swing very close to the positive and negative supply rails. This is essential for low-voltage systems (like 1.8V) to maintain a usable dynamic range. ### Low Input Bias Current Because it uses CMOS technology, the input bias current is extremely low (pA range). This allows the op-amp to work with high-impedance sensors (like pH probes or PIR sensors) without introducing significant errors. --- ## 3. Pinout Configuration (SOT-23-8) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | OUT A | Output, Channel A | | 2 | -IN A | Inverting Input, Channel A | | 3 | +IN A | Non-Inverting Input, Channel A | | 4 | V- | Negative Supply | | 5 | +IN B | Non-Inverting Input, Channel B | | 6 | -IN B | Inverting Input, Channel B | | 7 | OUT B | Output, Channel B | | 8 | V+ | Positive Supply | --- ## 4. Common Applications * **Portable Medical Devices:** Glucose meters and heart rate monitors. * **Remote Sensors:** IoT nodes that transmit data periodically and sleep most of the time. * **PIR Security Sensors:** Detecting motion with minimal power draw. * **Battery Monitoring:** Sensing voltage levels in lithium-ion or button-cell systems. --- ## 5. Usage Considerations (Trade-offs) While the AD8502 is revolutionary for power saving, it has a **very low Gain Bandwidth (7 kHz)**. This means it is not suitable for high-speed signals or audio processing. It is strictly intended for DC or very low-frequency sensor signals.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8502 and the single-channel AD8500?
    • ⤷ How does the 1 \u00b5A current affect the noise performance of this op-amp?
    • ⤷ What are the recommended decoupling capacitor values for the AD8502?