Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AD8564ARZ

  • AI
    ## Overview of the AD8564ARZ The **AD8564ARZ** is a high-speed, quad-channel comparator manufactured by Analog Devices. It is designed for systems that require fast signal processing with low power consumption and high precision. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8564ARZ: | Parameter | Specification | | :--- | :--- | | **Propagation Delay** | 7 ns (High Speed) | | **Number of Channels** | 4 (Quad) | | **Supply Voltage (Single)** | +5.0 V | | **Supply Voltage (Dual)** | ±5.0 V | | **Input Offset Voltage** | 2.0 mV (Typical) | | **Output Type** | TTL / CMOS Compatible | | **Package Type** | SOIC-16 (Small Outline IC) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Features * **Fast Response Time:** With a 7 ns propagation delay, it is suitable for high-speed data recovery and timing circuits. * **Low Power Consumption:** Despite its speed, it draws relatively low current, making it ideal for dense circuit boards. * **Rail-to-Rail Inputs:** The input common-mode range includes the negative supply rail, allowing for versatile sensing. * **Separate Input/Output Sections:** It features separate ground pins for the input and output stages to minimize the effects of switching noise (Latching is also supported on some versions). --- ### 3. Pin Configuration (SOIC-16) The AD8564ARZ utilizes a 16-pin layout to accommodate its four independent comparators. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 8, 9, 16 | **OUT A-D** | Digital outputs for each of the 4 comparators. | | 2, 7, 10, 15 | **-IN A-D** | Inverting inputs for each channel. | | 3, 6, 11, 14 | **+IN A-D** | Non-inverting inputs for each channel. | | 4 | **V+** | Positive supply voltage. | | 5, 12 | **GND / V-** | Ground or negative supply voltage. | | 13 | **LE** | Latch Enable (holds the output state when active). | --- ### 4. Typical Applications * **High-Speed Line Receivers:** Converting differential signals back to standard logic levels. * **Zero-Crossing Detectors:** Identifying when an AC signal passes through 0V for timing purposes. * **Threshold Detectors:** Monitoring sensor voltages and triggering alarms or logic high/low states. * **Clock Recovery Circuits:** Synchronizing digital data streams in communication hardware. --- ### 5. Implementation Example In a basic threshold detection circuit, the AD8564ARZ compares an input voltage ($V_{in}$) against a reference voltage ($V_{ref}$). ```python # Logic Representation if V_in > V_ref: Output = HIGH (approx 5V) else: Output = LOW (approx 0V) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8564 and the AD8561?
    • ⤷ Can the AD8564ARZ be used with a single 3.3V power supply?
    • ⤷ How do you implement the Latch Enable (LE) function on this IC?