Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AD8607ARMZ-R21

  • AI
    ## Overview of AD8607ARMZ-R2 The **AD8607ARMZ-R2** is a high-precision, dual-channel, micropower, rail-to-rail input and output operational amplifier (op-amp) manufactured by Analog Devices. It is designed for applications requiring low power consumption and high accuracy. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the AD8607: | Feature | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage (Single)** | 1.8 V to 5.0 V | | **Supply Current (per Amp)** | 40 μA (Typical) | | **Offset Voltage** | 50 μV (Typical) | | **Input Bias Current** | 1 pA (Typical) | | **Bandwidth (Gain-Bandwidth)** | 400 kHz | | **Output Type** | Rail-to-Rail | | **Package Type** | MSOP-8 (ARMZ) | | **Temperature Range** | -40°C to +125°C | --- ### 2. Functional Electronic Components The AD8607 is an integrated circuit (IC) that combines several electronic stages to achieve its performance: * **CMOS Input Stage:** Uses Complementary Metal-Oxide-Semiconductor technology to achieve extremely low input bias currents (pico-ampere range). This makes it ideal for high-impedance sensors. * **Rail-to-Rail Input/Output (RRIO):** The internal circuitry is designed so that the input common-mode range and the output voltage swing can reach nearly the full extent of the supply rails (V+ and V-). * **Micropower Biasing:** Internal current sources are tuned to maintain stability while drawing only 40 microamps, extending battery life in portable devices. --- ### 3. Application Use Cases Because of its specific electronic properties, this part is commonly used in: 1. **Portable Instrumentation:** Due to the low current draw and 1.8V minimum operation. 2. **Photodiode Amplifiers:** The low input bias current ensures that the signal from light sensors isn't lost to leakage. 3. **Battery Monitoring:** Used in circuits that track voltage levels in handheld electronics without draining the battery being monitored. 4. **Medical Equipment:** Suitable for wearable sensors (like heart rate monitors) where space and power are limited. --- ### 4. Part Number Breakdown (AD8607ARMZ-R2) Understanding the suffix helps in procurement and PCB design: * **AD8607:** The base model/series number. * **A:** Performance grade. * **RM:** Designates the MSOP (Micro Small Outline Package). * **Z:** RoHS compliant (Lead-free). * **R2:** Packaging format (usually refers to a 7-inch reel containing 250 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8607 and the single-channel AD8603 version?
    • ⤷ How does the low offset voltage of this chip improve sensor accuracy?
    • ⤷ What are the PCB layout considerations for an MSOP-8 rail-to-rail op-amp?