Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AD8629WARZ-R7

  • AI
    ## Overview of AD8629WARZ-R7 The **AD8629WARZ-R7** is a high-precision, dual-channel, zero-drift operational amplifier manufactured by Analog Devices. It is specifically designed for applications requiring extremely low offset voltage and long-term stability, particularly in automotive and industrial environments. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8629WARZ-R7: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 2.7 V to 5.0 V | | **Offset Voltage (Max)** | 1 µV | | **Offset Drift (Max)** | 0.005 µV/°C | | **Gain Bandwidth Product** | 5 MHz | | **Slew Rate** | 1 V/µs | | **Rail-to-Rail** | Input and Output | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | 8-SOIC (N) | --- ### 2. Core Features * **Zero-Drift Technology:** It uses a "Chopper Stabilized" architecture. This continuously corrects for internal DC errors, making it nearly immune to temperature fluctuations and time-based degradation. * **Automotive Grade:** The "W" in the part number indicates it is qualified for automotive applications (AEC-Q100). * **Rail-to-Rail Input/Output (RRIO):** This allows the signal to swing very close to the supply rails, maximizing dynamic range in low-voltage systems. * **No 1/f Noise:** Because of its chopping mechanism, it eliminates low-frequency flicker noise (1/f noise), which is critical for DC and low-frequency measurements. --- ### 3. Pin Configuration (8-SOIC) The device follows a standard dual op-amp pinout: ```text AD8629 Top View +-------u-------+ OUT A | 1 8 | V+ -IN A | 2 7 | OUT B +IN A | 3 6 | -IN B V- | 4 5 | +IN B +---------------+ ``` --- ### 4. Typical Applications Due to its high precision, the AD8629WARZ-R7 is commonly used in: * **Precision Sensors:** Thermocouples, RTDs, and strain gauges. * **Automotive Control:** Battery management systems (BMS) and electronic power steering. * **Medical Instrumentation:** Low-frequency EEG/ECG signal conditioning. * **Data Acquisition:** High-resolution ADC drivers where offset error must be minimized. --- ### 5. Part Number Breakdown | Suffix/Prefix | Meaning | | :--- | :--- | | **AD8629** | Base Model Number (Dual Op-Amp) | | **W** | Automotive Grade (Qualified for AEC-Q100) | | **A** | Performance Grade/Temperature Range | | **RZ** | RoHS Compliant (Lead-Free) SOIC Package | | **R7** | Tape and Reel packaging (7-inch reel) | ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8629 compare to the single-channel version AD8628?
    • ⤷ What are the specific advantages of zero-drift amplifiers over standard op-amps?
    • ⤷ Can this part be used in 12V automotive systems directly?