Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AD8676BRMZ-R2

  • AI
    ## Overview of AD8676BRMZ-R2 The **AD8676BRMZ-R2** is a high-precision, dual-channel, rail-to-rail output operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is part of a series known for ultra-low offset voltage, low noise, and low input bias current, making it ideal for precision instrumentation and professional audio applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage (Max)** | ±18 V or 36 V | | **Offset Voltage (Max)** | 50 μV | | **Noise Density** | 2.8 nV/√Hz @ 1 kHz | | **Gain Bandwidth Product** | 10 MHz | | **Slew Rate** | 2.5 V/μs | | **Package Type** | 8-Lead MSOP (Micro Small Outline Package) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Core Functional Features * **Ultra-Low Noise:** With a noise density of only 2.8 nV/√Hz, this part is designed for high-fidelity signal conditioning where maintaining signal integrity is critical. * **Precision Accuracy:** The extremely low offset voltage (50 μV) and low drift ensure that DC errors are minimized over temperature changes. * **Rail-to-Rail Output:** This allows the output signal to swing very close to the supply rails, maximizing the dynamic range of the system. * **Low Input Bias Current:** It utilizes a bipolar input stage that is compensated to achieve very low bias currents, reducing errors in high-impedance circuits. --- ### 3. Pin Configuration (MSOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **OUT A** | Output of Amplifier A | | 2 | **-IN A** | Inverting Input of Amplifier A | | 3 | **+IN A** | Non-inverting Input of Amplifier A | | 4 | **V-** | Negative Power Supply | | 5 | **+IN B** | Non-inverting Input of Amplifier B | | 6 | **-IN B** | Inverting Input of Amplifier B | | 7 | **OUT B** | Output of Amplifier B | | 8 | **V+** | Positive Power Supply | --- ### 4. Typical Applications * **Precision Filters:** Used in active filter designs where low noise and high linearity are required. * **Medical Instrumentation:** Ideal for ECG/EKG and EEG monitors due to its low noise floor. * **Photodiode Amplifiers:** Used to convert low-level currents from sensors into measurable voltages. * **Data Acquisition:** Acts as a buffer or gain stage for high-resolution Analog-to-Digital Converters (ADCs). --- ### 5. Part Number Breakdown: `AD8676BRMZ-R2` * **AD8676:** The base model number. * **B:** Grade (indicates performance specifications like offset voltage). * **RM:** Package type (MSOP). * **Z:** RoHS compliant/Lead-free. * **R2:** Packaging suffix (usually refers to a small 7-inch reel containing 250 units).
    ✨ Follow-up Questions
    • ⤷ What are the differences between the AD8676 and the single-channel version AD8675?
    • ⤷ How does the temperature drift of this Op-Amp affect precision sensor circuits?
    • ⤷ Can this Op-Amp be used with a single-supply voltage instead of a dual-supply?