ADL5382ACPZ-R7
AI

## Overview of ADL5382ACPZ-R7
The **ADL5382ACPZ-R7** is a high-performance, quadrature intermediate frequency (IF) demodulator manufactured by **Analog Devices**. It is designed to convert radio frequency (RF) signals directly to baseband or low IF in high-dynamic-range communication systems.
---
### Core Specifications
The following table outlines the primary electrical characteristics of the ADL5382:
| Parameter | Specification |
| :--- | :--- |
| **RF Input Frequency Range** | 700 MHz to 2700 MHz |
| **Demodulation Bandwidth** | DC to 500 MHz |
| **Input IP3 (IIP3)** | +33.5 dBm @ 900 MHz |
| **Input P1dB** | +14.7 dBm @ 900 MHz |
| **Noise Figure (NF)** | 14 dB @ 900 MHz |
| **Voltage Gain** | ~3.5 dB |
| **Supply Voltage** | 4.75 V to 5.25 V |
| **Package Type** | 24-lead LFCSP (4mm x 4mm) |
---
### Key Electronic Components & Internal Architecture
The device integrates several critical RF stages into a single silicon chip to ensure phase and amplitude balance:
1. **Quadrature Demodulator:**
Uses a pair of double-balanced mixers to split the RF input into In-phase (I) and Quadrature (Q) components.
2. **Phase Splitter (LO Generation):**
The Local Oscillator (LO) input is fed into an internal polyphase filter/splitter. This generates two LO signals shifted by exactly 90°, allowing for precise quadrature downconversion.
3. **Output Buffers:**
The I and Q outputs are buffered by differential amplifiers, providing enough drive capability for high-speed Analog-to-Digital Converters (ADCs).
4. **Bias Control:**
Internal circuitry maintains stable performance across the full temperature range (-40°C to +85°C).
---
### Functional Block Diagram Representation
```mermaid
graph LR
RF_IN[RF Input] --> Mixer_I((Mixer I))
RF_IN --> Mixer_Q((Mixer Q))
LO_IN[LO Input] --> Phase_Split[90 deg Phase Splitter]
Phase_Split -->|0 deg| Mixer_I
Phase_Split -->|90 deg| Mixer_Q
Mixer_I --> Amp_I[I Output Buffer]
Mixer_Q --> Amp_Q[Q Output Buffer]
Amp_I --> Out_I[I Output]
Amp_Q --> Out_Q[Q Output]
```
---
### Application Usage
* **Wireless Infrastructure:** W-CDMA, CDMA2000, and LTE base stations.
* **Point-to-Point Radios:** High-capacity microwave backhaul.
* **Broadband Systems:** Cable and satellite reception.
* **Instrumentation:** Signal analyzers and software-defined radios (SDR).
---
### Design Considerations
* **Impedance Matching:** The RF and LO inputs are typically 50 $\Omega$ differential. Using external baluns (like the MABA-007159) is recommended for single-ended signals.
* **Power Decoupling:** Use multiple capacitors (e.g., 100 pF and 0.1 µF) close to the VPOS pins to minimize noise from the power supply.
* **Thermal Management:** The exposed pad on the bottom of the LFCSP package must be soldered to a ground plane to ensure proper heat dissipation.
- ⤷
What are the recommended balun models for the ADL5382 RF inputs?
- ⤷ How does the ADL5382 compare to the ADL5380 in terms of frequency range?
- ⤷ Can the ADL5382 be used in a Zero-IF receiver architecture?