Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ADL5801ACPZ-R7

  • AI
    ## Overview of ADL5801ACPZ-R7 The **ADL5801ACPZ-R7** is a high-performance, broadband active mixer designed by Analog Devices. It is widely used in radio frequency (RF) communication systems due to its wide frequency range, high linearity, and integrated features that simplify circuit design. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ADL5801: | Parameter | Specification | | :--- | :--- | | **RF Frequency Range** | 10 MHz to 6 GHz | | **LO Frequency Range** | 10 MHz to 6 GHz | | **IF Frequency Range** | LF to 600 MHz | | **Power Conversion Gain** | 1.8 dB (typical) | | **Input IP3 (IIP3)** | 28.5 dBm @ 900 MHz | | **Noise Figure (NF)** | 10.3 dB @ 900 MHz | | **Supply Voltage** | 4.75 V to 5.25 V | | **Supply Current** | 130 mA (adjustable) | | **Package Type** | 24-lead LFCSP | --- ### 2. Core Functional Components The internal architecture of the ADL5801 consists of several critical stages: 1. **Double-Balanced Mixer Core:** Uses a high-linearity "Gilbert Cell" architecture to provide excellent isolation between RF, LO, and IF ports. 2. **LO Buffer:** The integrated Local Oscillator buffer allows for low input drive levels (typically 0 dBm), reducing the requirements on the external frequency synthesizer. 3. **Bias Control (VSET):** A unique feature that allows the user to adjust the operating current. This enables a trade-off between power consumption and linearity (IIP3). 4. **Adaptive Power Management:** The chip includes an internal power detector that can be used to automatically adjust the bias in response to signal levels. --- ### 3. Application Use Cases Because of its broad frequency range (up to 6 GHz), this part is versatile across various sectors: * **Cellular Base Stations:** Used in 4G/5G radio units for frequency down-conversion. * **Point-to-Point Microwave Links:** High-capacity data backhaul systems. * **Instrumentation:** Spectrum analyzers and signal generators. * **Military & Aerospace:** Radar receivers and wideband communication systems. --- ### 4. Implementation Example (Pin Configuration) When designing a PCB for the ADL5801, the following pins are essential for operation: ```c // Critical Pin Connections PIN_1 (VSET) -> Controls mixer bias current (Analog Voltage) PIN_4 (LOIP) -> Local Oscillator Positive Input PIN_9 (RFIP) -> RF Positive Input PIN_16 (IFOP) -> IF Positive Output (Differential) PIN_17 (IFON) -> IF Negative Output (Differential) PAD (GND) -> Thermal/Ground Pad (Must be soldered for heat dissipation) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of an active mixer like the ADL5801 over a passive mixer?
    • ⤷ How does the VSET pin influence the power-to-performance ratio in this device?
    • ⤷ What external components are required for the differential-to-single-ended conversion on the IF output?