Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ADL5961ACCZ-R2

  • AI
    ## ADL5961ACCZ-R2: Electronic Component Overview The **ADL5961ACCZ-R2** is a high-performance, compact **RF Detector** manufactured by Analog Devices. It is specifically designed as a 10 MHz to 6 GHz integrated 40 dB range Vector Network Analyzer (VNA) front-end, or more broadly, a logarithmic detector and controller for high-frequency signal measurement. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Function** | RF Detector / Logarithmic Amplifier | | **Frequency Range** | 10 MHz to 6 GHz | | **Dynamic Range** | 40 dB | | **Supply Voltage** | 3.0 V to 3.6 V | | **Current Consumption** | ~35 mA | | **Package Type** | LGA (Land Grid Array) - 12 leads | | **Operating Temperature** | -40°C to +105°C | --- ### Core Internal Architecture The device integrates several critical electronic sections to process high-frequency signals into measurable DC voltages: 1. **Dual RF Inputs:** It features integrated couplers and switches, allowing for the measurement of both forward and reflected power. 2. **Mixer Stage:** It utilizes a down-conversion architecture to translate high-frequency RF signals into a lower Intermediate Frequency (IF) for precise amplitude and phase detection. 3. **Logarithmic Amplifier:** Converts the IF signal into a linear-in-dB DC output voltage, which is easily readable by an Analog-to-Digital Converter (ADC). 4. **Local Oscillator (LO) Interface:** Requires an external LO to facilitate the down-conversion process. --- ### Typical Application Circuit When designing with the ADL5961, the following component groups are typically required: ```mermaid graph LR RF_IN[RF Input] --> Coupler[Directional Coupler] Coupler --> ADL5961 LO[Local Oscillator] --> ADL5961 ADL5961 --> ADC[Microcontroller/ADC] VCC[3.3V Supply] --> Decoupling[Decoupling Caps] Decoupling --> ADL5961 ``` --- ### Major Use Cases * **Vector Network Analyzers (VNAs):** Used in handheld or modular test equipment to measure S-parameters. * **Transmitter Power Monitoring:** Ensuring power amplifiers are operating within safe and calibrated limits. * **Antenna VSWR Measurement:** Detecting reflected power to calculate the Voltage Standing Wave Ratio, indicating antenna health. * **Adaptive Impedance Matching:** Providing feedback loops for automatic antenna tuners. --- ### Design Considerations * **Impedance Matching:** Ensure the RF input traces are matched to 50 $\Omega$ to minimize reflections and measurement errors. * **Thermal Management:** While low power, the LGA package requires solid ground plane stitching to dissipate heat and provide a stable RF reference. * **Isolation:** Proper shielding is required between the LO and RF ports to prevent "LO leakage," which can degrade the dynamic range.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a log-amp detector and a RMS detector in RF applications?
    • ⤷ How does the external LO frequency affect the measurement accuracy of the ADL5961?
    • ⤷ Can you provide a sample schematic for connecting this to an Arduino or ESP32?