ADM7170ACPZ-R7
AI

## ADM7170ACPZ-R7: Ultra-Low Noise, High PSRR LDO Regulator
The **ADM7170ACPZ-R7** is a high-performance CMOS Low Dropout (LDO) linear regulator manufactured by Analog Devices. It is designed specifically for high-performance analog and mixed-signal circuits that require extremely clean power.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.3 V to 6.5 V |
| **Maximum Output Current** | 500 mA |
| **Output Type** | Adjustable (available in fixed options) |
| **Dropout Voltage** | 42 mV (typical at 500 mA) |
| **Noise** | 5 μV rms (independent of output voltage) |
| **PSRR** | 60 dB at 100 kHz; 40 dB at 1 MHz |
| **Operating Temperature** | -40°C to +125°C |
| **Package** | 8-lead LFCSP (3 mm × 3 mm) |
---
### 2. Significant Electronic Features
* **Ultra-Low Noise:** At 5 μV rms, it is ideal for powering sensitive components like ADCs, DACs, and precision amplifiers without introducing switching noise.
* **High Power Supply Rejection Ratio (PSRR):** It effectively filters out ripples from upstream switching power supplies, ensuring a stable DC output even in noisy environments.
* **Fast Transient Response:** The device recovers quickly from sudden changes in load current or input voltage, maintaining regulation integrity.
* **Precision Enable (EN) Pin:** Includes a precision enable input that allows the device to be turned on or off via external logic, facilitating power sequencing.
* **Adjustable Soft Start:** Allows the user to control the ramp-up time of the output voltage to limit inrush current.
---
### 3. Pin Configuration & Application
The ADM7170ACPZ-R7 typically utilizes the following pinout in its 8-lead LFCSP package:
1. **VOUT:** Regulated output voltage.
2. **SENSE / ADJ:** Connects to the output or a resistor divider to set the voltage.
3. **GND:** Ground reference.
4. **EN:** Enable input (High = On, Low = Off).
5. **SS:** Soft-start capacitor connection.
6. **VIN:** Input supply voltage.
7. **NC:** No internal connection.
8. **EP:** Exposed Pad (must be soldered to GND for thermal dissipation).
---
### 4. Common Applications
* Regulation for high-speed ADCs and DACs.
* RF and PLL power supplies.
* Medical imaging and precision instrumentation.
* Post-regulation for switching power supplies to remove high-frequency ripple.
---
### 5. Order Code Breakdown
* **ADM7170:** Base model number.
* **ACPZ:** Indicates the package (LFCSP) and RoHS compliance (Lead-free).
* **R7:** Indicates the tape and reel packaging size (7-inch reel).
- ⤷
What are the recommended capacitor values for stable operation of the ADM7170?
- ⤷ How does the Soft Start (SS) pin calculation work for this LDO?
- ⤷ What is the difference between the ADM7170 and the ADM7172 series?