Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ADP5587ACPZ-R7

  • AI
    ## Overview of ADP5587ACPZ-R7 The **ADP5587ACPZ-R7** is a high-performance I/O expander with a built-in keypad matrix decoder, designed primarily for mobile and portable applications. It offloads the processing-intensive task of scanning a keypad from the main system processor, thereby reducing power consumption and software complexity. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Interface** | I2C (Up to 400 kHz) | | **GPIO Count** | Up to 18 Configurable I/Os | | **Keypad Matrix** | Up to 80 keys (10 columns x 8 rows) | | **Operating Voltage** | 1.65V to 3.6V | | **Packaging** | LFCSP-24 (4mm x 4mm) | | **FIFO Buffer** | 10-event Key Event FIFO | --- ### Core Electronic Components & Features #### 1. Keypad Decoder The device can scan a matrix of up to 8 rows and 10 columns. It includes internal pull-up resistors and de-bounce circuitry, which eliminates the need for external discrete components to handle mechanical switch noise. #### 2. GPIO Expansion When not used for a keypad, each of the 18 pins can be configured as a General Purpose Input/Output (GPIO). This is useful for: * Driving LEDs. * Reading sensors or logic signals. * Generating PWM signals (on specific pins). #### 3. FIFO and Interrupt Controller The chip features a **First-In-First-Out (FIFO)** buffer that stores up to 10 key-press or key-release events. * **nINT Pin:** An active-low interrupt output alerts the host processor only when a change is detected, allowing the main CPU to remain in sleep mode until needed. #### 4. Logic and Communication * **I2C Interface:** Uses standard Serial Data (SDA) and Serial Clock (SCL) lines for communication. * **Reset Logic:** Includes a dedicated Reset pin to clear registers and restore the device to its default state. --- ### Application Circuit Block Diagram ```mermaid graph LR A[Host Processor] <-- I2C Interface --> B[ADP5587] B <--- C[8x10 Keypad Matrix] B ---> D[Status LEDs] B ---> E[Logic Controls] A -- Interrupt Line --- B ``` --- ### Key Advantages 1. **Low Power:** Reduces CPU overhead by handling all scanning and debouncing locally. 2. **Small Footprint:** The LFCSP-24 package is extremely compact for space-constrained designs like smartphones or handheld scanners. 3. **Flexibility:** Pins can be mixed between keypad functions and GPIO functions dynamically.
    ✨ Follow-up Questions
    • ⤷ How do you configure the debounce time in the ADP5587 via I2C?
    • ⤷ What is the maximum current sink capability of the GPIO pins for driving LEDs?
    • ⤷ How does the ADP5587 handle ghosting in the keypad matrix?