Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ADRF5044BCCZN-R7

  • AI
    ## ADRF5044BCCZN-R7 Overview The **ADRF5044BCCZN-R7** is an RF switch from Analog Devices. Based on its part-number structure and the ADRF5044 family, it is a **wideband, high-isolation SPDT (single-pole, double-throw) RF switch** for high-frequency signal routing. > **Note:** I can't verify every specification from memory. Confirm exact values in the official Analog Devices datasheet before designing with this part. --- ## Part Number Decoding | Segment | Meaning | |---|---| | **ADRF5044** | Product family: RF switch (ADI series) | | **B** | Grade/temperature range (industrial) | | **CC** | Package code (leadless chip-scale package) | | **Z** | RoHS-compliant (lead-free) | | **N** | Package/variant designator | | **-R7** | Tape and reel, 7-inch reel (typically 750 or 1,500 units) | --- ## Typical Electrical Functions ### Pin Functions (Typical SPDT Structure) | Pin | Function | Description | |---|---|---| | **RFC** | Common RF port | Signal input/output shared by both paths | | **RF1** | RF path 1 | Connected to RFC when control state selects path 1 | | **RF2** | RF path 2 | Connected to RFC when control state selects path 2 | | **CTL / VCTL** | Control input | Logic signal selecting the active path | | **VDD** | Positive supply | DC supply for internal logic and bias | | **GND** | Ground | Ground and thermal/RF reference (often an exposed pad) | ### Key Performance Parameters (Verify in Datasheet) | Parameter | What It Means | |---|---| | **Frequency range** | Usable band, extending into the multi-GHz/mmWave range for this family | | **Insertion loss** | Signal loss through the active path (lower is better) | | **Isolation** | Attenuation between ports when the path is off (higher is better) | | **Return loss / VSWR** | Impedance match to 50 Ω (higher return loss is better) | | **P1dB / power handling** | Maximum input power before compression | | **Switching time** | Time to change paths | | **Supply voltage and current** | Operating power requirements | | **Control logic levels** | Voltage thresholds for high/low control | --- ## Typical Applications - 5G and wireless infrastructure - Test and measurement equipment - Radar and satellite communications - Microwave and millimeter-wave systems - Signal routing in RF front ends --- ## Design Considerations 1. **Impedance matching:** Use 50 Ω transmission lines on the RF ports and keep traces short. 2. **Decoupling:** Place capacitors close to VDD, following the datasheet's recommended values. 3. **Grounding:** Use a solid ground plane and multiple vias under the exposed pad for RF performance and heat dissipation. 4. **ESD handling:** RF switches are ESD-sensitive. Use proper handling procedures. 5. **Power levels:** Stay within the maximum RF input power rating to avoid damage or distortion. --- ## Where to Find Accurate Details - **Analog Devices website:** search "ADRF5044" for the official datasheet - **Evaluation board user guide:** shows recommended layout and test setup - **Distributors (e.g., Digi-Key, Mouser):** list stock and packaging ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency range and insertion loss of the ADRF5044?
    • ⤷ How do I design a PCB layout for the ADRF5044BCCZN-R7?
    • ⤷ How do I drive the control pin of an SPDT RF switch like this one?