ALDN-11-R
AI

## Analysis of ALDN-11-R (Panasonic Industrial Devices)
The **ALDN-11-R** belongs to the **LD-N series** of power relays manufactured by Panasonic. These are compact, slim-type power relays specifically designed for high-density mounting in consumer electronics and industrial controls.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Contact Arrangement** | 1 Form A (SPST-NO) |
| **Nominal Coil Voltage** | 12V DC |
| **Contact Rating (Resistive)** | 5A @ 277V AC / 5A @ 30V DC |
| **Max. Switching Power** | 1,385 VA / 150 W |
| **Coil Power Consumption** | Approx. 200 mW |
| **Dielectric Strength** | 4,000 Vrms (between contacts and coil) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Characteristics
* **Compact Design:** The "LD-N" series is known for its slim profile, typically measuring around 20.3mm x 7.0mm x 15.0mm. This makes it ideal for PCBs where space is at a premium.
* **High Sensitivity:** With a 200mW nominal operating power, it can be driven by relatively low-power circuits compared to standard industrial relays.
* **High Insulation:** It provides high surge resistance (10,000V) and a high dielectric strength, ensuring safety between the control circuit (coil) and the load circuit (contacts).
* **RoHS Compliant:** The "R" suffix typically denotes compliance with environmental regulations regarding hazardous substances.
---
### 3. Pinout and Internal Logic
The device uses a standard 4-pin configuration for 1 Form A relays:
```text
Internal Wiring Diagram (Top View)
(Coil) [1] ●-------┐
|
[ ] (Coil)
|
(Coil) [2] ●-------┘
(COM) [3] ●-------/ -------● [4] (N.O.)
```
---
### 4. Common Applications
Due to its 5A rating and slim form factor, the ALDN-11-R is frequently found in:
* **Home Appliances:** Refrigerators, washing machines, and air conditioners for controlling fans or small motors.
* **Industrial Equipment:** PLC (Programmable Logic Controller) output modules.
* **Office Automation:** Printers and copiers for power distribution management.
* **Smart Home Devices:** Smart plugs and lighting controllers.
- ⤷
What are the equivalent alternatives to the ALDN-11-R from other manufacturers?
- ⤷ What is the minimum switching load required for reliable operation of this relay?
- ⤷ How does the ALDN-11-R compare to the standard LD series in terms of life expectancy?