Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AM25LS2519FMB

  • AI
    ### Overview of AM25LS2519FMB The **AM25LS2519FMB** is a high-performance integrated circuit (IC) belonging to the Low-Power Schottky (LS) family of TTL (Transistor-Transistor Logic) devices. Specifically, it is a **Universal Pipeline Register** designed for high-speed digital systems, often used in microprogramming and data synchronization applications. --- ### Technical Specifications The following table highlights the core electrical and mechanical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Device Type** | 8-Bit Universal Pipeline Register | | **Package Type** | FMB (Ceramic Flatpack - Military Grade) | | **Operating Temperature** | -55°C to +125°C (Military Range) | | **Supply Voltage (Vcc)** | 4.75V to 5.25V | | **Output Type** | 3-State (Tri-state) | | **Data Width** | 8 Bits | --- ### Key Internal Components & Features The AM25LS2519 consists of several internal electronic stages that allow it to manage data flow efficiently: 1. **D-Type Flip-Flops:** The core of the device consists of eight edge-triggered D-type registers that store data on the rising edge of the clock signal. 2. **3-State Outputs:** These allow the device to be connected directly to bus-oriented systems. When the output enable is inactive, the pins enter a high-impedance state, effectively disconnecting from the bus. 3. **Positive Edge-Triggered Clock:** Data is transferred from the inputs to the registers strictly on the transition from Low to High of the clock pulse. 4. **Schottky Diode Clamping:** As an "LS" part, it utilizes Schottky-clamped transistors to reduce internal storage time, allowing for faster switching speeds compared to standard TTL while maintaining lower power consumption. --- ### Functional Applications The AM25LS2519FMB is primarily utilized in architectures where timing and data alignment are critical: * **Microprogram Control:** Storing the next address or instruction in a CPU control unit. * **Pipeline Buffering:** Acting as a "holding station" for data between different stages of a high-speed processor to ensure synchronized processing. * **Bus Interface:** Managing data transfer between a microprocessor and peripheral devices. * **Military/Aerospace Systems:** Due to the "FMB" designation (Ceramic Flatpack), this part is designed to withstand extreme thermal environments and high vibration. --- ### Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **AM** | Manufactured by Advanced Micro Devices (AMD) | | **25LS** | Low-Power Schottky series with improved specifications | | **2519** | Specific device function (8-Bit Pipeline Register) | | **FMB** | **F**: Ceramic Flatpack; **M**: Military Grade; **B**: Burn-in/Screened |
    ✨ Follow-up Questions
    • ⤷ What are the pin-compatible alternatives for the AM25LS2519?
    • ⤷ How does the 'LS' logic family differ from 'HC' or 'HCT' families in terms of voltage?
    • ⤷ What is the typical propagation delay for this register?