Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AM261...ZEJ

  • AI
    The code **AM26LS31CN** or similar variants (often referred to within the **AM26LV** or **AM26C** families) typically refers to a **Differential Line Driver**. These parts are foundational in industrial communication protocols like RS-422 and RS-485. Below is a breakdown of the electronic characteristics and specifications for this family of components. --- ## 1. Core Functionality The AM26 series parts are designed to take a single-ended TTL/CMOS input signal and convert it into a **differential output signal**. This allows for high-speed data transmission over long distances by reducing electromagnetic interference (EMI). | Feature | Description | | :--- | :--- | | **Logic Type** | Quadruple Differential Line Driver | | **Input Levels** | TTL / CMOS Compatible | | **Output Type** | Complementary (A and B lines) | | **Common Use** | RS-422, RS-485, Motor Encoders | --- ## 2. Key Technical Specifications While specific suffixes (like ZEJ, CN, or CDR) denote package type and temperature range, the internal electronic architecture generally follows these parameters: ### Electrical Characteristics * **Operating Voltage ($V_{CC}$):** Usually $5V$ (AM26LS series) or $3.3V$ (AM26LV series). * **Output Current:** High-drive capability, often capable of sinking or sourcing up to $20mA$. * **Propagation Delay:** Very low, typically between $7ns$ to $15ns$, making them suitable for high-speed clocks. * **Three-State Outputs:** Includes an Enable (G) and Enable Bar ($\bar{G}$) pin to disconnect the driver from the bus. ### Pinout Configuration (Standard 16-pin) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 3, 5, 7 | **A, B, C, D** | Data Inputs (TTL) | | 2, 4, 6, 8 | **Y, Z Pairs** | Differential Outputs | | 4, 12 | **G, /G** | Output Enable Controls | | 16 | **Vcc** | Power Supply | | 8 | **GND** | Ground | --- ## 3. Package and Suffix Decoding The string **"ZEJ"** or similar trailing characters usually refer to the physical packaging and environmental standards: * **Package Type:** Could be SOIC, PDIP, or TSSOP. * **Temperature Grade:** * **C:** Commercial ($0^\circ C$ to $70^\circ C$) * **I / M:** Industrial / Military ($-40^\circ C$ to $125^\circ C$) * **Lead-Free:** Usually indicated by a "G4" or "E4" suffix in modern Texas Instruments (TI) parts. --- ## 4. Typical Application Circuit The following represents how the part is typically integrated into a system: ```text [ Controller ] ----> [ AM26LS31 ] ----> [ Twisted Pair Cable ] ----> [ AM26LS32 ] (TX Data) (Driver) (Differential Signal) (Receiver) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AM26LS31 and the AM26C31?
    • ⤷ How do I terminate the differential lines for this driver?
    • ⤷ What are the common failure modes for differential line drivers in industrial environments?