AM30-R10M-RC
AI

The **AM30-R10M-RC** is a high-performance **surface-mount (SMD) power inductor** typically manufactured by Allied Components International. It is designed for high-frequency DC-DC conversion and filtering applications.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.10 µH (indicated by "R10") |
| **Tolerance** | ±20% (indicated by "M") |
| **Mounting Type** | Surface Mount (SMD) |
| **Shielding** | Shielded (Low EMI) |
| **RoHS Compliant** | Yes (indicated by "RC") |
---
## 2. Core Features
The AM30 series is characterized by its compact footprint and robust electrical performance:
* **Low Profile:** Designed for space-constrained PCB layouts.
* **High Current Handling:** Capable of managing high saturation currents without a significant drop in inductance.
* **Magnetic Shielding:** The component is shielded to minimize electromagnetic interference (EMI), making it suitable for sensitive circuits.
* **Low DCR:** It features low Direct Current Resistance, which minimizes power loss and heat generation.
---
## 3. Typical Applications
Because of its low inductance and high current capability, the AM30-R10M-RC is primarily used in:
1. **Voltage Regulator Modules (VRMs):** Found in CPUs and GPUs to provide stable, low-voltage power.
2. **DC-DC Converters:** Used in buck, boost, and buck-boost power supply topologies.
3. **Portable Electronics:** Ideal for smartphones, tablets, and laptops where board space is at a premium.
4. **Distributed Power Systems:** Used in telecommunications and industrial equipment.
---
## 4. Soldering and Footprint
The "AM30" designation usually refers to the physical size (3.0mm x 3.0mm nominal footprint).
```markdown
Recommended Land Pattern Note:
- Ensure the solder mask is applied to prevent bridging.
- Follow the J-STD-020 Reflow Profile for lead-free soldering.
```
---
- ⤷
What is the maximum saturation current for the AM30-R10M-RC?
- ⤷ How does shielding in this inductor reduce EMI in a PCB layout?
- ⤷ Are there alternative inductors with the same footprint but higher inductance?