Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ASPI-0418FS

  • AI
    ### ASPI-0418FS Electronic Component Analysis The **ASPI-0418FS** series is a line of semi-shielded surface-mount (SMD) power inductors manufactured by **Abracon**. These components are specifically designed for high-efficiency power conversion in space-constrained environments. --- ### 1. Key Technical Specifications Below are the general specifications for the ASPI-0418FS series: | Parameter | Value / Range | | :--- | :--- | | **Inductance Range** | 1.0 $\mu$H to 220 $\mu$H | | **Footprint (L x W)** | 4.0 mm x 4.0 mm | | **Height (Max)** | 1.85 mm | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Resin-shielded (Semi-shielded) | | **Tolerance** | Usually ±20% (M) | --- ### 2. Core Features & Construction * **Semi-Shielded Construction:** Unlike fully unshielded inductors, the ASPI-0418FS uses a magnetic epoxy resin coating. This provides a balance between cost-effectiveness and the reduction of electromagnetic interference (EMI). * **Low Profile:** With a maximum height of 1.85 mm, it is ideal for "thin" electronics like tablets, smartphones, and SSDs. * **High Current Handling:** The drum core design allows for a high saturation current ($I_{sat}$), meaning the inductance doesn't drop sharply when high current passes through it. * **Durability:** The resin coating provides structural integrity and protection against environmental factors compared to raw wire-wound inductors. --- ### 3. Common Applications These inductors are typically found in DC-DC conversion circuits where voltage needs to be stepped up or down efficiently. 1. **Mobile Devices:** Power management for CPUs and screens in smartphones. 2. **Storage Media:** Power rails in Solid State Drives (SSDs). 3. **IoT Modules:** Compact sensors requiring efficient battery management. 4. **Peripheral Power:** Low-profile power supplies for laptops and cameras. --- ### 4. Part Number Breakdown Example If you see a part like `ASPI-0418FS-100M-T1`: * **ASPI:** Abracon Surface Power Inductor. * **0418:** Dimensions (approx. 4.0x4.0x1.8mm). * **FS:** Series designator (Semi-shielded). * **100:** Inductance code ($10 \times 10^0 = 10 \mu$H). * **M:** Tolerance ($\pm 20\%$). * **T1:** Packaging (Tape and Reel). ---
    ✨ Follow-up Questions
    • What is the difference between semi-shielded and fully shielded inductors?
    • How do I calculate the saturation current requirements for my circuit?
    • What are the equivalent alternatives to the ASPI-0418FS series?