ASPI-4118S-R22
AI

## Technical Overview of ASPI-4118S-R22
The **ASPI-4118S-R22** is a surface-mount (SMD) power inductor manufactured by **Abracon**. It is part of the ASPI-4118S series, known for its low profile and high power density.
---
### 1. Key Technical Specifications
The following table outlines the core electronic characteristics of this specific component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.22 µH (R22) |
| **Tolerance** | ±30% (N) |
| **DC Resistance (DCR)** | 4.6 mΩ (Max) |
| **Saturation Current (Isat)** | 8.5 A |
| **Heating Current (Irms)** | 7.0 A |
| **Shielding** | Semi-Shielded (Magnetic Resin) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 4.0 x 4.0 x 1.8 mm |
---
### 2. Physical Construction
The "S" in the part number denotes a **semi-shielded** construction. Unlike fully shielded inductors that use a ferrite drum and sleeve, this part uses:
* **Magnetic Resin:** A mixture of ferrite powder and resin is applied to the exterior.
* **Benefits:** This reduces EMI (Electromagnetic Interference) while keeping the component smaller and more cost-effective than traditional shielded inductors.
* **Low Profile:** With a height of only 1.8mm, it is ideal for slim consumer electronics.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Code Segment | Meaning |
| :--- | :--- |
| **ASPI** | Abracon Surface Power Inductor |
| **4118** | Dimensions (approx. 4.0mm x 4.0mm x 1.8mm) |
| **S** | Semi-shielded construction |
| **R22** | Inductance value (R represents the decimal: 0.22 µH) |
---
### 4. Typical Applications
Due to its high saturation current and low DCR, the ASPI-4118S-R22 is commonly used in:
* **DC/DC Converters:** Voltage regulation modules for CPUs and GPUs.
* **Portable Devices:** Smartphones, tablets, and wearable tech where space is limited.
* **Power Supplies:** High-efficiency buck/boost converters.
* **Automotive/Industrial:** Distributed power systems requiring small footprints.
---
- ⤷
What are the main advantages of semi-shielded inductors over fully shielded ones?
- ⤷ How does the saturation current (Isat) affect circuit performance in this inductor?
- ⤷ Are there alternative inductors with a lower DCR in the same package size?