ATS-01G-110-C2-R1
AI

The **ATS-01G-110-C2-R1** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** designed by Advanced Thermal Solutions (ATS). It is engineered for cooling electronic components such as CPUs, GPUs, or high-power ASICs on a Printed Circuit Board (PCB).
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Specification | Details |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Attachment Method** | Push-Pin (Plastic) with Compression Spring |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | ~4.40 °C/W (at 200 LFM) |
| **Interface Material** | T766 (Pre-applied Phase Change Material) |
---
### 2. Design and Functional Features
#### A. Heat Sink Geometry
* **Base Dimensions:** The 35mm footprint is standard for many mid-sized integrated circuits.
* **Fin Profile:** The vertical straight fins allow for efficient airflow (convection) to carry heat away from the base.
* **Material:** Aluminum is used for its high thermal conductivity and lightweight properties, while the **Blue Anodized** finish provides surface protection and improved emissivity.
#### B. Mounting Mechanism (Push-Pin)
This part utilizes a **Push-Pin and Spring** system:
* **Pins:** Designed to snap into pre-drilled holes on the PCB.
* **Springs:** Provide a consistent downward force (pressure) to ensure maximum contact between the heat sink and the chip, which minimizes thermal resistance.
#### C. Thermal Interface Material (TIM)
The **C2** designation indicates that it comes with **T766** pre-applied.
* This is a "Phase Change" material that softens at operating temperatures to fill microscopic air gaps between the chip and the metal, significantly improving heat transfer.
---
### 3. Usage Context
This component is typically found in:
* **Telecommunications:** Cooling networking switches or routers.
* **Embedded Systems:** Industrial PCs where fan-forced air is present.
* **Power Supplies:** Regulating temperature for voltage modules.
---
### 4. CAD and Footprint Data
If you are designing a PCB for this part, the hole pattern is critical:
```markdown
Hole Diameter: 3.0mm
Hole Pitch: 40.5mm (Center-to-Center)
```
- ⤷
What is the thermal resistance of this part under natural convection?
- ⤷ Can the push-pins be replaced with brass versions for higher durability?
- ⤷ How does the T766 thermal material compare to standard silicone grease?