ATS-03F-104-C2-R1
AI

The **ATS-03F-104-C2-R1** is a high-performance heat sink manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is designed specifically for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
This part belongs to the **pushPIN™** Heat Sink Assembly series, featuring a fine-pitch straight fin design for maximum surface area.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-pin (Steel with Brass Finish) |
| **Spring Type** | ATS-PPS-03 (Stainless Steel) |
| **Thermal Interface** | T766 (Pre-applied Thermal Grease) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Pitch** | Fine Pitch |
| **Fin Pattern** | Straight |
---
### 2. Thermal Performance Data
Thermal resistance is critical in determining how well the heat sink can dissipate heat into the surrounding air.
| Air Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 m/s (200 LFM) | 2.52 |
| 2.0 m/s (400 LFM) | 1.48 |
| 3.0 m/s (600 LFM) | 1.15 |
---
### 3. Key Electronic Components & Features
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, the push-pin mechanism provides a consistent, high-pressure contact with the chip. This minimizes air gaps and maximizes heat transfer.
* **AL6063 Aluminum:** This specific alloy is used because of its high thermal conductivity and structural integrity.
* **Pre-Applied Thermal Interface Material (TIM):** The **T766** grease is already applied to the base, ensuring that the microscopic valleys on the chip surface are filled, reducing thermal resistance right out of the box.
* **Blue Anodization:** While aesthetically pleasing, the anodized coating protects the aluminum from corrosion and slightly improves radiant heat emission.
---
### 4. Part Number Breakdown
The part number follows a specific nomenclature:
* **ATS:** Manufacturer (Advanced Thermal Solutions)
* **03:** Attachment style (Push-pin)
* **F:** Fin profile (Fine)
* **104:** Specific dimensions/design iteration
* **C2:** Material/Color code (Aluminum, Blue Anodized)
* **R1:** Revision or Packaging status
- ⤷
What are the PCB hole requirements for the ATS-PPS-03 push-pin?
- ⤷ How does 'fine pitch' fin design compare to 'coarse pitch' in passive vs active cooling?
- ⤷ What is the maximum power dissipation (Watts) this heat sink can handle for a 50°C temperature rise?